Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A45GSB Datasheet(PDF) 1 Page - Optronics International

Part # A45GSB
Description  Mounting Grommets & Brackets for Sealed 4" Round Lights
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

A45GSB Datasheet(HTML) 1 Page - Optronics International

  A45GSB Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
4” ROUND GROMMETS & BRACKETS
Mounting Grommets & Brackets for Sealed 4” Round
Lights
PVC grommets for flush mount of 45 series lights; grommet provides shock mount to
lengthen life of light
Mounting flanges for flush mount of 45 series lights; lights snap into flange
Steel bracket mounts to trailer frame; no panel cutout required. Use with A45GB
grommet. Durable powder coated finish.
Available in bulk and polypack packaging
Products
Bulk
Polypack
Diodes
Description
Qty
A45GB
A45GBP
PVC grommet for 4" lights, flush mount, (Hole
cut­out: 4.5")
50
A45GSB
A45GSBP
TPR rubber grommet for 4" lights, flush mount
(soft durometer)
50
A46GB
A46GBP
PVC grommet for 4" lights, flush mount; softer
durometer material eases installation, (Hole cut­
out: 4.5")
50
A45BB
A45BBP
Black plastic mounting flange for 4" lights
100
A45S2B
A45S2BP
Stainless steel mounting flange for 4" lights
20
BK45BB
BK45BBP
Steel mounting bracket for 4" lights, powder
coated, black
10
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
NA
MATERIALS:
Various
VOLT/AMP:
NA
WT/DIMS:
Various
WARRANTY:
Three Year Warranty


Similar Part No. - A45GSB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A45 MACOM-A45 Datasheet
104Kb / 1P
1000 TO 4000 MHz CASCADABLE AMPLIFIER
A45 MACOM-A45 Datasheet
381Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
logo
M/A-COM Technology Solu...
A45 MA-COM-A45 Datasheet
1Mb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A45 MA-COM-A45 Datasheet
643Kb / 3P
Cascadable Amplifier 1000 to 4000 MHz
logo
Tyco Electronics
A45-1 MACOM-A45-1 Datasheet
109Kb / 1P
1000 TO 4000 MHz CASCADABLE AMPLIFIER
More results

Similar Description - A45GSB

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
SLIMCAB SERIES MOUNTING BRACKETS
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
Mounting Brackets
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
Mounting Brackets
logo
Visual Communications C...
L59U VCC-L59U Datasheet
488Kb / 2P
Snapfit indicator lights for mounting hole
logo
List of Unclassifed Man...
LED18-GGG-P ETC2-LED18-GGG-P Datasheet
502Kb / 1P
Mounting Brackets for Mini Limit Switch Sensors
logo
SICK AG
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
Mounting brackets and plates
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
Mounting brackets
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
Mounting brackets
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
Mounting brackets and plates
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
Mounting brackets and plates
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com