Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT6700RM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # WT6700RM
Description  RECEPTACLE REAR PANEL MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

WT6700RM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  WT6700RM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.01 25.7
1.12[28.4]
PACKAGE INDIVIDUALLY
NOTES:
MATERIAL
HOUSINGS: THERMOPLASTIC
NUT: STEEL
GASKET: RUBBER
MISCELLANEOUS
ROHS COMPLIANT
ALL DIMS ARE REFERENCE ONLY
PANEL CUT-OUT
1.01 25.7
.74 18.7
1.00 25.3
RECEPTACLE,
A
B
C
D
PROJ
MODULAR
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
WT6700RM
A
WT6700RM.SLDDRW
11
C.BERUBE
02/21/07
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.Gallagher
D.Gallagher
04/20/07
04/20/07
04/20/07
A
INITAL RELEASE
C.BERUBE
CATEGORY
PRODUCT DESCRIPTION
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
43321
> 60 [1524] +5% / -0%
FSCM NO.
≤
NONE
60 [1524] +3 [76.2] / - 0
MAY VARY
DIMENSIONS ARE IN INCHES [mm]
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
REAR PANEL MOUNT
1.38 34.9
1.38 34.9
.84 21.2
.58 14.7


Similar Part No. - WT6700RM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
WT6700FM L-COM-WT6700FM Datasheet
185Kb / 1P
RECEPTACLE FRONT PANEL MOUNT
02/21/07
More results

Similar Description - WT6700RM

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS31033AFK GLENAIR-ITS31033AFK Datasheet
797Kb / 2P
Rear Panel Mount Square Flange Receptacle
ITSG3107AFK GLENAIR-ITSG3107AFK Datasheet
863Kb / 2P
Rear Panel Mount Jam Nut Receptacle
FRITS4103A GLENAIR-FRITS4103A Datasheet
793Kb / 2P
Rear Panel Mount Square Flange Receptacle
ITS31078A GLENAIR-ITS31078A Datasheet
1Mb / 2P
Rear Panel Mount Jam Nut Receptacle
880-004R GLENAIR-880-004R Datasheet
597Kb / 2P
Rear Panel Mount Receptacle
ITS-500-030 GLENAIR-ITS-500-030 Datasheet
292Kb / 2P
Rear Panel Mount Square Flange Receptacle
ITS-3103-A GLENAIR-ITS-3103-A Datasheet
167Kb / 2P
Rear Panel Mount Square Flange Receptacle
ITS-3107-A GLENAIR-ITS-3107-A Datasheet
171Kb / 2P
Rear Panel Mount Jam Nut Receptacle
ITS-31070-A GLENAIR-ITS-31070-A Datasheet
1Mb / 2P
Rear Panel Mount Jam Nut Receptacle
ITS-31070-A-N0 GLENAIR-ITS-31070-A-N0 Datasheet
204Kb / 2P
Rear Panel Mount Jam Nut Receptacle
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com