Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM24B Datasheet(PDF) 4 Page - Clarke International

Part # CAM24B
Description  24 INCH DRUM FAN 230V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAM24B Datasheet(HTML) 4 Page - Clarke International

  CAM24B Datasheet HTML 1Page - Clarke International CAM24B Datasheet HTML 2Page - Clarke International CAM24B Datasheet HTML 3Page - Clarke International CAM24B Datasheet HTML 4Page - Clarke International CAM24B Datasheet HTML 5Page - Clarke International CAM24B Datasheet HTML 6Page - Clarke International CAM24B Datasheet HTML 7Page - Clarke International CAM24B Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY PRECAUTIONS
1. ALWAYS read the manual before use.
2. Suitable for indoor use only.
3. Avoid using in dusty environments.
4. DO NOT use in environments containing chemical fumes etc.
5. DO NOT use as an extractor fan.
6. DO NOT use in areas of high humidity/water vapour, i.e. bathrooms etc.
7. DO NOT connect the fan to duct system.
8. DO NOT cover the fan with clothing or any material that will restrict free airflow
through the fan.
9. NEVER touch the blades with your hand or any loose object.
10. ALWAYS unplug the fan before moving it or performing maintenance.
11. DO NOT touch the fan when your hands are wet.
12. ALWAYS unplug the fan when it is not in use.
13. NEVER unplug the fan by holding the cable. Unplug by holding the plug.
14. NEVER use the fan if the cable or plug are damaged.
15. NEVER use the fan close to fires.
16. DO NOT use this fan with any solid-state speed control device to reduce the risk
of fire or electric shock.
17. Those who are not qualified electricians should not disassemble or repair this
product.
ENVIRONMENTAL RECYCLING POLICY
Through purchase of this product, the customer is taking on the obligation to
deal with the WEEE in accordance with the WEEE regulations in relation to
the treatment, recycling & recovery and environmentally sound disposal of
the WEEE.
In effect, this means that this product must not be disposed of with general
household waste. It must be disposed of according to the laws governing Waste
Electrical and Electronic Equipment (WEEE) at a recognised disposal facility.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com