Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS10 Datasheet(PDF) 3 Page - Yealink Inc.

Part # CS10
Description  Ceiling Speaker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEALINK [Yealink Inc.]
Direct Link  https://www.yealink.com/en
Logo YEALINK - Yealink Inc.

CS10 Datasheet(HTML) 3 Page - Yealink Inc.

  CS10 Datasheet HTML 1Page - Yealink Inc. CS10 Datasheet HTML 2Page - Yealink Inc. CS10 Datasheet HTML 3Page - Yealink Inc. CS10 Datasheet HTML 4Page - Yealink Inc. CS10 Datasheet HTML 5Page - Yealink Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Power: 20W
Total Harmonic Distortion
(THD): <1%
Power Supply: PoE+
(IEEE802.3 at class 4)
Product Specifications
Size:
ф294*H125.8 mm (with
cover mesh)
ф287.2*H125 mm (without
cover mesh)
Weight:
2808 g (without cover
mesh);
207 g (Cover mesh)
Product Color: white/black
Cover Mesh Color: white/black
Product Materials:
Cover Mesh: PC/ABS
Welded SPCC
Main Body Shell: PA
(Polyamide) with 15% GF
Bottom Shell: aluminum
alloy
Cover Plate: PC/ABS and
SGCC
Plenum Rated UL 2043
(suitable for air handling
spaces)
Physical Specifications
Operating Temperature:
0-50℃
Storage Temperature: 0-50℃
Operating Humidity: 5%~90%
Interface: 1 RJ-45
Logistic Information
Canton Size: 398 × 355 × 185
mm
N.W/CTN: 4.628 kg
G.W/CTN: 5.597 kg
Frequency Response
Yealink Ceiling Speaker CS10 Datasheet
3 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com