Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HCT393 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HCT393
Description  DUAL BINARY COUNTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT393 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M54HCT393 Datasheet HTML 2Page - STMicroelectronics M54HCT393 Datasheet HTML 3Page - STMicroelectronics M54HCT393 Datasheet HTML 4Page - STMicroelectronics M54HCT393 Datasheet HTML 5Page - STMicroelectronics M54HCT393 Datasheet HTML 6Page - STMicroelectronics M54HCT393 Datasheet HTML 7Page - STMicroelectronics M54HCT393 Datasheet HTML 8Page - STMicroelectronics M54HCT393 Datasheet HTML 9Page - STMicroelectronics M54HCT393 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
4.5
8
151922
ns
tPLH
tPHL
Propagation
Delay Time
(CLOCK - QA)
4.5
19
30
38
45
ns
tPLH
tPHL
Propagation
Delay Time
(CLOCK - QB)
4.5
24
37
46
56
ns
tPLH
tPHL
Propagation
Delay Time
(CLOCK - QC)
4.5
28
43
54
65
ns
tPLH
tPHL
Propagation
Delay Time
(CLOCK - QD)
4.5
33
51
64
77
ns
tPLH
tPHL
Propagation
Delay Time
(CLEAR - Qn)
4.5
20
31
39
47
ns
fMAX
Maximum Clock
Frequency
4.5
4.2
80
34
MHz
tW(H)
tW(L)
Minimum Pulse
Width
(CLOCK)
4.5
8
151922
ns
tW(H)
Minimum Pulse
Width
(CLEAR)
4.5
8
151922
ns
tREM
Minimum
Removal Time
4.5
5
6
8
ns
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
66
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/4 (per Flip Flop)
M54/M74HCT393
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com