Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDR3822P Datasheet(PDF) 1 Page - Whirlpool.

Part # LDR3822P
Description  3.4 cu. ft. Compact Top Load Dryer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

LDR3822P Datasheet(HTML) 1 Page - Whirlpool.

  LDR3822P Datasheet HTML 1Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTE: Dimensions are for planning purposes only. For complete details, see Installation Instructions packed with product. Specifications subject to
change without notice.
®/™ © 2020. All rights reserved. Printed in the U.S.A. D200104XXD. LDR3822PSpecSheetV01.
Capacity
Total
3.4 cu. ft.
General Features & Properties
Side-Swing Door
3.4 cu. ft. Capacity
Air Dry Cycle
Interior Lint Screen
Timed Dry
Adjustable Feet
Optional Casters
Electrical Details
Hz
60
Amps
15
Volts
120
Technical Details
Drum Material
Powder Coat
Fuel Type
Electric
Door Style
Side Swing
Reversible Door
Yes
Number of Dryer Cycles
3
Selection of Drying Cycles
Air Dry
Permanent
Press
Timed Dry
Dimensions
Product Dimensions
(H x W x D)
31" x
23-7/8" x
21-7/8"
Depth with Door Open 90°
36"
Maximum Vent Length
36'
Venting Direction
Rear Only
Ventless
No
Reference Material
Dimension Guide
Use & Care Guide
Energy Guide
Warranty
White
LDR3822PQ
3.4 cu. ft. Compact Top Load Dryer
LDR3822P
Key Features & Benefits
Flexible Installation
With its compact size and standard 120V
electrical connection, this dryer helps you
fit laundry in more places. Optional wall and
floor mounts provide even more space-saving
possibilities.
AccuDry™ Sensor Drying Technology
Two built-in sensors measure moisture and
temperature levels to help prevent overdrying
and automatically stop the cycle when the
load is dry.
End-of-Cycle Signal
You'll always know when your drying cycle is
finished, thanks to the end-of-cycle signal.
This helpful tone reminds you when it's time to
get clean clothes from the dryer.


Similar Part No. - LDR3822P

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
LDR30850 POWEREX-LDR30850 Datasheet
471Kb / 5P
Dual SCR Isolated Module
LDR31050 POWEREX-LDR31050 Datasheet
471Kb / 5P
Dual SCR Isolated Module
LDR31250 POWEREX-LDR31250 Datasheet
471Kb / 5P
Dual SCR Isolated Module
LDR31450 POWEREX-LDR31450 Datasheet
471Kb / 5P
Dual SCR Isolated Module
LDR31650 POWEREX-LDR31650 Datasheet
471Kb / 5P
Dual SCR Isolated Module
More results

Similar Description - LDR3822P

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
23024 ARIES-23024 Datasheet
2Mb / 3P
Universal Top-Load Socket
logo
AVX Corporation
229159002101916 AVX-229159002101916 Datasheet
531Kb / 7P
Top Load Socket: BTB
22-9159 AVX-22-9159 Datasheet
531Kb / 7P
Top Load Socket: BTB
logo
TE Connectivity Ltd
FX29 TEC-FX29 Datasheet
698Kb / 15P
Compact Compression Load Cell
logo
Festo Corporation.
543633 FESTO-543633 Datasheet
71Kb / 1P
Membrane air dryer
4/1/22
543655 FESTO-543655 Datasheet
73Kb / 1P
Membrane air dryer
4/1/22
543657 FESTO-543657 Datasheet
72Kb / 1P
Membrane air dryer
4/1/22
543659 FESTO-543659 Datasheet
72Kb / 1P
Membrane air dryer
4/1/22
543660 FESTO-543660 Datasheet
73Kb / 1P
Membrane air dryer
4/1/22
552171 FESTO-552171 Datasheet
84Kb / 1P
Desiccant air dryer
4/1/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com