Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP299828 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP299828
Description  SLIM GASKETS & DUST COVERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP299828 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP299828 Datasheet HTML 1Page - Electronic Components Ltd. CP299828 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CLIFF
SLIM GASKETS & DUST COVERS
Our range of gaskets and dust covers fit most of our Slim feedthrough connectors. They function as dust seals and for
colour identification. Useable on plastic and metal models, the range consists of a plain gasket and a gasket with a
dust cover. (Models with dust caps are not used on fibre connectors as these have their own dust caps). They are all
supplied with brass spacers. Using spacers can improve the sealing function and fit. Available in 4 colours.
CP299812 - Black Gasket
CP299817 - Red Gasket
CP299815 - Green Gasket
CP299818 - Blue Gasket
GASKETS
For use on Slim and Dualslim models
and with our 16 hole 1U rack panel.
CP299832 - Black Dust Cap
and our 16 and 20 hole 1U rack panels.
CP299838 - Blue Dust Cap
CP299837 - Red Dust Cap
CP299835 - Green Dust Cap
DUST COVERS
For use on Dualslim countersunk hole models only,


Similar Part No. - CP299828

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP299802 CLIFF-CP299802 Datasheet
319Kb / 1P
SEALING GASKET
CP299805 CLIFF-CP299805 Datasheet
319Kb / 1P
SEALING GASKET
CP299805. CLIFF-CP299805. Datasheet
319Kb / 1P
SEALING GASKET
CP299807 CLIFF-CP299807 Datasheet
319Kb / 1P
SEALING GASKET
CP299808 CLIFF-CP299808 Datasheet
319Kb / 1P
SEALING GASKET
More results

Similar Description - CP299828

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-072 GLENAIR-660-072 Datasheet
319Kb / 2P
MIL-PRF-28876 Dust Covers
logo
Amphenol Corporation
P-MUSB-A311-XX AMPHENOL-P-MUSB-A311-XX Datasheet
123Kb / 2P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-BA51-XX AMPHENOL-P-MUSB-BA51-XX Datasheet
110Kb / 2P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-E551-XX AMPHENOL-P-MUSB-E551-XX Datasheet
75Kb / 2P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-K152-XX AMPHENOL-P-MUSB-K152-XX Datasheet
83Kb / 2P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-A111-XX AMPHENOL-P-MUSBR-A111-XX Datasheet
175Kb / 3P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-A511-XX AMPHENOL-P-MUSBR-A511-XX Datasheet
190Kb / 3P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-B551-XX AMPHENOL-P-MUSBR-B551-XX Datasheet
157Kb / 3P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-E151-XX AMPHENOL-P-MUSBR-E151-XX Datasheet
153Kb / 3P
DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-E551-XX AMPHENOL-P-MUSBR-E551-XX Datasheet
156Kb / 3P
DUST COVERS MAY BE ORDERED SEPARATELY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com