Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28107 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ISL28107 Datasheet HTML 25Page - Renesas Technology Corp ISL28107 Datasheet HTML 26Page - Renesas Technology Corp ISL28107 Datasheet HTML 27Page - Renesas Technology Corp ISL28107 Datasheet HTML 28Page - Renesas Technology Corp ISL28107 Datasheet HTML 29Page - Renesas Technology Corp ISL28107 Datasheet HTML 30Page - Renesas Technology Corp ISL28107 Datasheet HTML 31Page - Renesas Technology Corp ISL28107 Datasheet HTML 32Page - Renesas Technology Corp ISL28107 Datasheet HTML 33Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
ISL28107, ISL28207, ISL28407
FN6631 Rev 8.01
Page 30 of 32
Aug 30, 2024
For the most recent package outline drawing, see M8.118B.
M8.118B
8 LEAD MINI SMALL OUTLINE PLASTIC PACKAGE
Rev 1, 3/12
DETAIL "X"
SIDE VIEW 2
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
PIN# 1 ID
0.23 - 0.36mm
DETAIL "X"
0.10 ± 0.05mm
(4.40)
(3.00)
(5.80)
H
C
1.10 MAX
3°±3°
GAUGE
PLANE
0.25
0.95 REF
0.53 ± 0.10mm
B
3.0±0.10mm
12
8
0.86±0.05mm
SEATING PLANE
A
0.65mm BSC
3.0±0.10mm
(0.40)
(1.40)
(0.65)
D
5
5
0.15±0.05mm
SIDE VIEW 1
0.08
C A-B D
M
0.10 C
Dimensioning and tolerancing conform to JEDEC MO-187-AA
Plastic interlead protrusions of 0.15mm max per side are not
Dimensions in ( ) are for reference only.
Dimensions are measured at Datum Plane "H".
Plastic or metal protrusions of 0.15mm max per side are not
Dimensions are in millimeters.
3.
4.
5.
6.
NOTES:
1.
2.
and AMSEY14.5m-1994.
included.
included.
4.9±0.20mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com