Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFN210N20P Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IXFN210N20P
Description  N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXFN210N20P Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IXFN210N20P Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXFN210N20P Datasheet HTML 2Page - Inchange Semiconductor Company Limited IXFN210N20P Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISFM1434
eq IXFN210N20P
N-Channel MOSFET
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V; ID= 3mA
200
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 200V; VGS= 0V
--
25
uA
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0V
--
±
200
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 8mA
2.5
4.5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 105A
--
10.5
VSD
Forward On-Voltage
IS= 105A; VGS= 0V
--
1.3
V
Package Dimensions (UNIT: MM):
PRODUCT DISCLAIMER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com