Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA10 Datasheet(PDF) 1 Page - FLEXTRAL

Part # BA10
Description  Air Transfer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

BA10 Datasheet(HTML) 1 Page - FLEXTRAL

  BA10 Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BA10 Breathing Air Transfer
www.
.com
V04.21
Application:
A premium quality breathing air hose specifically formulated to meet type
C & CE NIOSH
42 CFR PART 84, TABLE 8 REQUIREMENTS WHEN USING APPROVED FLEXTRAL
HOSE COUPLINGS.
•
Indoor/Outdoor air service
•
Paint Spray Booths
•
Sandblasting, Insulation
Construction:
Tube - Black, odorless nitrile rubber
Reinforcement - High-tensile strength yarn
Cover - Black, nitrile rubber
Temperature Range:
-29°C to +82°C (-20°F to +180°F)
Part No.
I.D.
Inches
O.D.
Inches
Max W.P.
PSI
Weight
lbs / ft
Standard
Lengths
BA10-025
Z\v
0.63
300
0.14
750’
BA10-038
C\,
0.70
300
0.16
750’
BA10-075
C\v
1.20
300
0.33
500’
BA10-200
2
2.50
200
1.10
50’
• 42CFR PART 84, TABLE 8, NONCOLLAPSIBILITY - PASS
• NIOSH RCT-ASR-STP-0100: Hose and Coupling Retention - PASS
• NIOSH RCT-ASR-STP-0101: Leak Testing - PASS
• NIOSH RCT-ASR-STP-0102: Hose Kink Resistance - PASS
• NIOSH RCT-ASR-STP-0103: Gasoline permeation test - PASS
NOTICE - NIOSH only certifies complete breathing respirators and does not
issue certification on individual components, such as hoses and couplings
*Call for additional fittings, lengths and assemblies.


Similar Part No. - BA10

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA100 L-COM-BA100 Datasheet
138Kb / 1P
ADAPTOR BNC M/BNC M
03/28/02
logo
List of Unclassifed Man...
BA101 ETC-BA101 Datasheet
45Kb / 2P
BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA102 ETC-BA102 Datasheet
45Kb / 2P
BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA103 ETC-BA103 Datasheet
45Kb / 2P
BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
logo
Rohm
BA10324 ROHM-BA10324 Datasheet
61Kb / 5P
Quad ground sense operational
More results

Similar Description - BA10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1654227 MACOM-1654227 Datasheet
2Mb / 48P
Thermal Transfer
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
Transfer Switch
PE71S6202 PASTERNACK-PE71S6202 Datasheet
446Kb / 6P
Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
Transfer Switch
logo
Panasonic Semiconductor
MN103SD0 PANASONIC-MN103SD0 Datasheet
356Kb / 3P
Transfer mode: Word transfer. Burst transfer. Intermittent transfer
MN103SD3 PANASONIC-MN103SD3 Datasheet
337Kb / 3P
Transfer mode: Word transfer. Burst transfer. Intermittent transfer
MN103SE5 PANASONIC-MN103SE5 Datasheet
318Kb / 3P
Transfer mode: Word transfer. Burst transfer. Intermittent transfer
MN103SK7 PANASONIC-MN103SK7 Datasheet
353Kb / 3P
Transfer method: 2-bus cycle transfer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com