Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QST104 Datasheet(PDF) 8 Page - STMicroelectronics

Part # QST104
Description  Capacitive touch sensor device 4 keys with individual key state outputs or I2C interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

QST104 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button QST104 Datasheet HTML 4Page - STMicroelectronics QST104 Datasheet HTML 5Page - STMicroelectronics QST104 Datasheet HTML 6Page - STMicroelectronics QST104 Datasheet HTML 7Page - STMicroelectronics QST104 Datasheet HTML 8Page - STMicroelectronics QST104 Datasheet HTML 9Page - STMicroelectronics QST104 Datasheet HTML 10Page - STMicroelectronics QST104 Datasheet HTML 11Page - STMicroelectronics QST104 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
QST touch sensing technology
QST104
8/45
3.3
Faulty and unused keys
Any sensing channel that does not have its sense capacitor (CS) fitted is assumed to be
either faulty or unused. This channel takes no further part in operation unless a Master-
commanded recalibration operation shows it to have an in-range burst count again. Faulty,
unused or disabled keys are still bursted but not processed to avoid modifying the sensitivity
of active keys.
This is important for sensing channels that have an open or short circuit fault across CS.
Such channels would otherwise cause very long acquire bursts, and in consequence would
slow the operation of the entire QST device.
To optimize touch response time and device power consumption, if some keys are not used,
we recommend to try suppressing the ones which belong to the same burst. Bursts which
do not have any keys implemented will then not be processed.
3.4
Detection threshold levels
The key capacitance change induced by the presence of a finger is sensed by the variation
in the number of charge transfer pulses to load the capacitor. The difference in the pulse
count number is compared to a threshold in order to detect the key as pressed or not.
Two different thresholds, one for detection and one for the end of detection, create an
hysteresis in order to prevent erratic behavior.
The default threshold levels and hysteresis values are described inSection 6.5: Capacitive
sensing characteristics on page 33.
3.5
Detection integrator filter
Detect Integrator (DI) filter mechanism works together with spread spectrum operation to
dramatically reduce the effects of noise on key states. The DI mechanism requires a
specified number of measurements that qualify as detections (and these must occur in a
row) or the detection will not be reported.
In a similar manner, the end of a touch (loss of signal) also has to be confirmed over several
measurements. This process acts as a type of “debounce” mechanism against noise.
The default DI value for confirming start of touch and end of touch is described in
Section 6.5: Capacitive sensing characteristics on page 33.
3.6
Self-calibration
On power-up, all keys are self-calibrated to provide reliable operation under almost any
conditions. The calibration phase is used to compute a reference value per key which is then
used by the process determining if a key is touched or not. The reference is an average of 8
single acquisitions. As a result, the calibration time of the system can be simply calculated
using the following formula: tCAL = 8 * Burst_Period. The methodology used to measure the
burst period is described in application note AN2547. For a maximum calibration duration
(tCAL), please refer to Section 6.5: Capacitive sensing characteristics on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com