Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BF008 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 5 Page - STMicroelectronics

  M58BF008 Datasheet HTML 1Page - STMicroelectronics M58BF008 Datasheet HTML 2Page - STMicroelectronics M58BF008 Datasheet HTML 3Page - STMicroelectronics M58BF008 Datasheet HTML 4Page - STMicroelectronics M58BF008 Datasheet HTML 5Page - STMicroelectronics M58BF008 Datasheet HTML 6Page - STMicroelectronics M58BF008 Datasheet HTML 7Page - STMicroelectronics M58BF008 Datasheet HTML 8Page - STMicroelectronics M58BF008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5/36
M58BF008
status or signatures read from the memory, or they
input data to be programmed or Instruction com-
mands to the Command Interface.
Asynchronous mode
Memory control is provided by Chip Enable E, Out-
put Enable G and Write Enable W for read and
write operations.
Synchronous mode
Memory control is provided by Load Burst Address
LBA which loads a read or write address. A Syn-
chronous Single Read or a Synchronous Burst
Read is performed under control of Output Enable
G. Synchronous Write is controlled by Write/Read
Enable WR, Load Burst Address LBA and Write
Enable W. Internal advance of the burst address is
controlled by Burst Address Advance BAA.
SIGNAL DESCRIPTIONS
See Figure 1 and Table 1.
Address Inputs (A0-A17). The address signal
A17 is the MSB and A0 the LSB.
In the Asynchronous mode the addresses must be
stable before Chip Enable E and Write Enable W
go to VIL. They must remain stable during the read
or write cycle.
In the Synchronous modes, the addresses are
latched by the rising edge of the System Clock
CLK when both Latch Burst Address LBA and
Chip Enable E are at VIL. The addresses are
latched for a read operation if Write/Read WR is at
VIH or for a write operation when it is at VIL.
Data Input/Output (DQ0-DQ31). The data signal
DQ31 is the MSB and DQ0 the LSB. Commands
are input on DQ0-DQ7.
Data input is a Double-Word to be programmed in
the memory or an Instruction command to the
Command Interface. Data is read from the Main or
Overlay memory blocks, the Status Register or the
Electronic Signature.
In the Asynchronous mode data is read when the
addresses are stable and Chip Enable E and Out-
put Enable G are at VIL. Commands or address/
data are written when Chip Enable E and Write W
are at VIL.
In the Synchronous mode, after addresses are
latched, data is read on a rising edge of the Sys-
tem Clock CLK when Chip Enable E is at VIL and
if Output Enable was at VIL on the previous rising
clock edge. Data is written on a rising edge of the
System Clock CLK when Chip Enable E and Write
Enable W are at VIL.
The outputs are high impedance when Chip En-
able E or Output Enable G are at VIH, or when Out-
put Disable GD is at VIL. Outputs are also high
impedance when System Reset RP is at VIL.
Table 3. Block Addresses
#
Size
(Kbit)
Address Range
31
256
3E000-3FFFF
30
256
3C000-3DFFF
29
256
3A000-3BFFF
28
256
38000-39FFF
27
256
36000-37FFF
26
256
34000-35FFF
25
256
32000-33FFF
24
256
30000-31FFF
23
256
2E000-2FFFF
22
256
2C000-2DFFF
21
256
2A000-2BFFF
20
256
28000-29FFF
19
256
26000-27FFF
18
256
24000-25FFF
17
256
22000-23FFF
16
256
20000-21FFF
15
256
1E000-1FFFF
14
256
1C000-1DFFF
13
256
1A000-1BFFF
12
256
18000-19FFF
11
256
16000-17FFF
10
256
14000-15FFF
9
256
12000-13FFF
8
256
10000-11FFF
7
256
0E000-0FFFF
6
256
0C000-0DFFF
5
256
0A000-0BFFF
4
256
08000-09FFF
3
256
06000-07FFF
2
256
04000-05FFF
1
256
02000-03FFF
0
256
00000-01FFF
Overlay Block
256
00000-01FFF
ORGANISATION
The M58BF008 has a data path width of 32 bit
(Double-Word) and is organised as a Main memo-
ry array of 32 blocks of 256 Kbit plus an Overlay
block of 256 Kbit having the same address space
as the first Main memory block. The memory map
is shown in Table 3.
The memory is addressed by A0-A17 which are
static for Asynchronous or latched for Synchro-
nous operation. Data Input/Output is static or
latched on DQ0-DQ31, these signals output data,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com