Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A75TC Datasheet(PDF) 1 Page - Optronics International

Part # A75TC
Description  7-Way Harnesses, Adapters and Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

A75TC Datasheet(HTML) 1 Page - Optronics International

  A75TC Datasheet HTML 1Page - Optronics International A75TC Datasheet HTML 2Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
7­WAY HARNESSES/ADAPTERS/CONNECTORS
7­Way Harnesses, Adapters and Connectors
Three adapters: 7­way round blade connector converts to 5­way flat pin connector
7­way replacement connector
7­way molded connector with 6­ft. or 8­ft. 7­wire insulated cable
Adapters available in bulk, polypack and retail packaging
Products
Bulk
Polypack
Diodes
Description
Qty
A75TB
A75TBP
DISCONTINUED ­ 5­flat to 7­round, single
piece adaptor
50
A7W6FTB
7­way molded plug with 6­ft. cable, 7­wire
5
A7W8FTB
7­way molded plug with 8­ft. cable, 7­wire
5
A7WCB
A7WCBP
7­way round power plug
50
A57WB
A57WBP
5­way flat to 7­way round adaptor, 16”
cable
25
A57CCB
A57CCBP
5­way flat to 7­way round, coil cord
30
A571CCB
A571CCBP
5­way flat to 7­way round, coil cord, glass
filled nylon
10
A57CCMCB
Trailer connector with coil cord, 7­way
round vehicle connector, 5­pin Delphi trailer
connector
25
A57CCMCDB
A57CCMCDBP
Trailer connector with coil cord, 7­way
round vehicle connector, 5­pin Delphi trailer
connector, 2­pin connector for back­up
camera
20
A57CCP76HB
A57CCP76HBP
Trailer connector with coil cord, 7­way
round vehicle connector, 5­pin trailer
connector; accessory leads include: 12­
ga. white wire with .156 male bullet, 12­ga.
red wire with .156 female barrel, and 16­
ga. brown wire with .156 female barrel
25
A57CCCB
A57CCCBP
Surface mount retaining clip for A57CCB 7­
way plug
100
A57WH
Retail pack: 5­flat to 7­round, 16” cable,
clam
6
A57CCS
Retail pack: 5­way flat to 7­way round, coil
cord, clam
12
A75TC
Retail pack: 5­way flat to 7­way round,
single piece, clam
12
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
MATERIALS:
Various
VOLT/AMP:
12/24VDC
WT/DIMS:
Various
WARRANTY:
Three Year Warranty


Similar Part No. - A75TC

ManufacturerPart #DatasheetDescription
logo
Optronics International
A75TC6 OPTRONICS-A75TC6 Datasheet
198Kb / 1P
Trailer Harness Plug Protectors
More results

Similar Description - A75TC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86040-0100 MOLEX-86040-0100 Datasheet
863Kb / 4P
ESCON Connectors & Adapters
86053-0000 MOLEX-86053-0000 Datasheet
82Kb / 4P
FC Connectors & Adapters
86030-0000 MOLEX-86030-0000 Datasheet
144Kb / 4P
FDDI Connectors & Adapters
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
LC Connectors and Adapters
86002-3000 MOLEX-86002-3000 Datasheet
63Kb / 2P
MT-RJ Connectors and Adapters
86010-0000 MOLEX-86010-0000 Datasheet
74Kb / 5P
ST Connectors & Adapters
86013-0000 MOLEX-86013-0000 Datasheet
54Kb / 3P
STII Connectors & Adapters
logo
Glenair, Inc.
M28840-2516WA GLENAIR-M28840-2516WA Datasheet
90Kb / 2P
EMI Adapters Connectors
logo
Cooper Bussmann, Inc.
FLM-120 COOPER-FLM-120 Datasheet
43Kb / 1P
Protecting Wiring Harnesses
logo
Bel Fuse Inc.
AQUACONN BEL-AQUACONN Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com