Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS1224 Datasheet(PDF) 9 Page - Clarke International

Part # JS1224
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224 Datasheet(HTML) 9 Page - Clarke International

Back Button JS1224 Datasheet HTML 5Page - Clarke International JS1224 Datasheet HTML 6Page - Clarke International JS1224 Datasheet HTML 7Page - Clarke International JS1224 Datasheet HTML 8Page - Clarke International JS1224 Datasheet HTML 9Page - Clarke International JS1224 Datasheet HTML 10Page - Clarke International JS1224 Datasheet HTML 11Page - Clarke International JS1224 Datasheet HTML 12Page - Clarke International JS1224 Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
Always carry out the following preliminary checks before connecting the
Jumpstart to the car battery:
• Ensure the vehicle ignition and ALL ancillary equipment - lighting,
radio etc, is switched off.
• Check the vehicle battery voltage, and select the correct voltage
on the 12V/24V selector on the rear of the jumpstarter.
• Ensure the battery terminals are clean and the clamps are firm and
secure.
• Remove any vehicle battery filler plugs and check electrolyte level.
If necessary, top up with distilled water.
When completely satisfied, proceed as follows:
1. Turn the vehicle ignition off before connecting the booster cables.
2. Take great care not to touch the red positive (+) clamp against the black
negative (-) clamp.
3. Ensure the area is well ventilated.
4. Ensure the ON/OFF switch is in the OFF position.
5. Connect the red positive (+) clamp to the positive (+) battery terminal first.
Take care the clamp does not contact any moving parts or fuel lines.
6. Connect the black negative (-) clamp to a suitable earthing point on the
vehicle chassis.
7. Switch the unit on. An intermittent beep should be heard, indicating there
is power to the cables. If the audible signal becomes louder and steadier, a
polarity error is indicted. Disconnect the booster clamps immediately.
Reverse the connections to the battery terminals and the audible signal
should return to a beep.
8. Turn the ON/OFF switch to the ON position.
9. Turn the ignition key on for a maximum of 6 seconds and the vehicle should
start. If the vehicle does not start after a few seconds, switch off and wait
for at least 3 minutes to prevent damage to the jumpstarter due to
overheating before trying again. After this cooling off period, it is safe to
resume trying to start the vehicle.
WARNING: FAILURE TO FOLLOW THE INSTRUCTIONS BELOW AND THE
SAFETY INSTRUCTIONS ON PAGE 4, MAY RESULT IN PERSONAL INJURY,
DAMAGE TO THE VEHICLE, OR THE POSSIBILITY OF AN EXPLOSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com