Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSMSI1350 Datasheet(PDF) 10 Page - Clarke International

Part # JSMSI1350
Description  SODIUM ION JUMPSTARTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JSMSI1350 Datasheet(HTML) 10 Page - Clarke International

Back Button JSMSI1350 Datasheet HTML 4Page - Clarke International JSMSI1350 Datasheet HTML 5Page - Clarke International JSMSI1350 Datasheet HTML 6Page - Clarke International JSMSI1350 Datasheet HTML 7Page - Clarke International JSMSI1350 Datasheet HTML 8Page - Clarke International JSMSI1350 Datasheet HTML 9Page - Clarke International JSMSI1350 Datasheet HTML 10Page - Clarke International JSMSI1350 Datasheet HTML 11Page - Clarke International JSMSI1350 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
• The characters
will display on the cable display, the buzzer beeps
long or
symbol lights up, the buzzer beeps every second, indicating
the voltage of the jumpstarter is not suitable for starting. Charging of
jumpstarter needed.
• When the
symbol flashes, the buzzer beeps a long alarm this
indicates the relay is sticking. The alarm beeps once a second, this
indicates that the temperature is abnormal.
3. When the jumpstarter and vehicle battery are correctly connected, the cable
displays the current battery voltage indicating the vehicle is energized and can be
started.
4. When starting the vehicle, if the
symbol lights up on the cable display with
the
symbol flashing, the buzzer beeps every second, this indicates that
the temperature is abnormal.
5. When the clamps are connected to the jumpstarter, if only the current voltage is
displayed and the cable display, DO NOT let the clamps come into contact with
each other.
6. When the clamps are connected to the jumpstarter, if only the current voltage is
displayed and the cable display, DO NOT connect the clamps to the wrong
terminals.
CARE & MAINTENANCE
Always ensure the cables & clamps are in good condition and the clamps are clean
and corrosion free. If damaged they should be replaced. Keep the unit clean by
wiping with a dry cloth. DO NOT use solvents as a cleaning agent.
Keep the unit fully charged at all times and store away from direct sunlight, moisture
or sources of extreme heat or cold.
NEVER attempt any repair unless you are a qualified technician. Your jump-start has
been designed to give long and trouble free service. If, however, having followed the
instructions in this booklet carefully, you encounter problems, take the unit to your
local CLARKE dealer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com