Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW016BT Datasheet(PDF) 49 Page - STMicroelectronics

Part # M58BW016BT
Description  16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW016BT Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M58BW016BT Datasheet HTML 45Page - STMicroelectronics M58BW016BT Datasheet HTML 46Page - STMicroelectronics M58BW016BT Datasheet HTML 47Page - STMicroelectronics M58BW016BT Datasheet HTML 48Page - STMicroelectronics M58BW016BT Datasheet HTML 49Page - STMicroelectronics M58BW016BT Datasheet HTML 50Page - STMicroelectronics M58BW016BT Datasheet HTML 51Page - STMicroelectronics M58BW016BT Datasheet HTML 52Page - STMicroelectronics M58BW016BT Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
49/63
M58BW016BT, M58BW016BB, M58BW016DT, M58BW016DB
APPENDIX B. FLOW CHARTS
Figure 21. Program Flowchart and Pseudo Code
Note: 1. If an error is found, the Status Register must be cleared before further P/E operations.
Write 40h
AI03850
Start
Write Address
& Data
Read Status
Register
YES
NO
b7 = 1
YES
NO
b3 = 0
NO
b4 = 0
VPP Invalid
Error (1)
Program
Error (1)
Program Command:
– write 40h
– write Address & Data
(memory enters read status
state after the Program command)
do:
– read status register
(E or G must be toggled)
while b7 = 1
If b3 = 1, VPP invalid error:
– error handler
If b4 = 1, Program error:
– error handler
YES
End
NO
b1 = 0
Program to Protect
Block Error
If b1 = 1, Program to Protected Block Error:
– error handler
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com