Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3021_0710 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS3021_0710
Description  Rail-to-rail 1.8V high-speed comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021_0710 Datasheet(HTML) 2 Page - STMicroelectronics

  TS3021_0710 Datasheet HTML 1Page - STMicroelectronics TS3021_0710 Datasheet HTML 2Page - STMicroelectronics TS3021_0710 Datasheet HTML 3Page - STMicroelectronics TS3021_0710 Datasheet HTML 4Page - STMicroelectronics TS3021_0710 Datasheet HTML 5Page - STMicroelectronics TS3021_0710 Datasheet HTML 6Page - STMicroelectronics TS3021_0710 Datasheet HTML 7Page - STMicroelectronics TS3021_0710 Datasheet HTML 8Page - STMicroelectronics TS3021_0710 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute maximum ratings and operating conditions
TS3021-3022
2/16
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltage values, except differential voltage, are referenced to VDD.
5.5
V
VID
Differential input voltage(2)
2.
The magnitude of input and output voltages must never exceed the supply rail ±0.3V.
±5
V
VIN
Input voltage range
VDD-0.3 to VCC+0.3
V
Rthja
Thermal resistance junction to ambient(3)
SC70-5
SOT23-5
SO-8
MiniSO-8
3.
Short-circuits can cause excessive heating. These values are typical.
205
250
125
190
°C/W
Rthjc
Thermal resistance junction to case (3)
SC70-5
SOT23-5
SO-8
MiniSO-8
172
81
40
39
°C/W
PD
Power dissipation(4)
SC70-5
SOT23-5
SO-8
MiniSO-8
4.
PD is calculated with Tamb=+25°C, Tj =+150°C and corresponding Rthja .
600
500
1000
650
mW
Tstg
Storage temperature
-65 to +150
°C
Tj
Junction temperature
150
°C
TLEAD
Lead temperature (soldering 10 seconds)
260
°C
ESD
Human body model (HBM)(5)
5.
Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2000
V
Machine model (MM)(6)
6.
Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
Latch-up immunity
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com