Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2241 Datasheet(PDF) 24 Page - SMSC Corporation

Part # USB2241
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2241 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button USB2241 Datasheet HTML 20Page - SMSC Corporation USB2241 Datasheet HTML 21Page - SMSC Corporation USB2241 Datasheet HTML 22Page - SMSC Corporation USB2241 Datasheet HTML 23Page - SMSC Corporation USB2241 Datasheet HTML 24Page - SMSC Corporation USB2241 Datasheet HTML 25Page - SMSC Corporation USB2241 Datasheet HTML 26Page - SMSC Corporation USB2241 Datasheet HTML 27Page - SMSC Corporation USB2241 Datasheet HTML 28Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
Revision 2.6 (05-08-08)
24
SMSC USB2240/USB2241
DATASHEET
Note 7.4
Output leakage is measured with the current pins in high impedance.
Note 7.5
See The USB 2.0 Specification, Chapter 7, for USB DC electrical characteristics
Note 7.6
RBIAS is a 3.3V tolerant analog pin.
Note 7.7
Output current range is controlled by program software.
I/O12, I/O12PU & I/O12PD Type
Buffer
Low Output Level
High Output Level
Output Leakage
Pull Down
Pull Up
VOL
VOH
IOL
PD
PU
VDD33
- 0.4
-10
72
58
0.4
+10
V
V
µA
μA
μA
IOL = 12mA @
VDD33= 3.3V
IOH = -12mA @
VDD33= 3.3V
VIN = 0 to VDD33
(Note 7.4)
IO-U
(Note 7.5)
I-R
(Note 7.6)
I/O200
Integrated Power FET for
GPIO10
High Output Current Mode
Short Circuit Current Limit 200mA
Low Output Current Mode
Short Circuit Current Limit 100mA
(Note 7.7)
On Resistance
(Note 7.7)
Output Voltage Rise Time
IOUT
ISC200
IOUT
ISC100
RDSON
tDSON
200
100
TBD
TBD
2.1
800
mA
mA
mA
mA
Ω
μs
VdropFET = 0.46V
VoutFET = 0V
VdropFET = 0.23V
VoutFET = 0V
IFET = 70mA
CLOAD = 10μF
Supply Current Unconfigured
ICCINIT
80
90
mA
Supply Current Active
Full Speed
High Speed
ICC
ICC
110
135
140
165
mA
mA
Supply Current Standby
ICSBY
350
700
µA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com