Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58CR032CZB Datasheet(PDF) 9 Page - STMicroelectronics

Part # M58CR032CZB
Description  32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032CZB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M58CR032CZB Datasheet HTML 5Page - STMicroelectronics M58CR032CZB Datasheet HTML 6Page - STMicroelectronics M58CR032CZB Datasheet HTML 7Page - STMicroelectronics M58CR032CZB Datasheet HTML 8Page - STMicroelectronics M58CR032CZB Datasheet HTML 9Page - STMicroelectronics M58CR032CZB Datasheet HTML 10Page - STMicroelectronics M58CR032CZB Datasheet HTML 11Page - STMicroelectronics M58CR032CZB Datasheet HTML 12Page - STMicroelectronics M58CR032CZB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
9/63
M58CR032C, M58CR032D
Figure 4. Memory Map
Figure 5. Security Block and Protection Register Memory Map
AI90069
512 Kbit or
32 KWord
000000h
007FFFh
512 Kbit or
32 KWord
1F0000h
1F7FFFh
Top Boot Block
Address lines A20-A0
512 Kbit or
32 KWord
178000h
17FFFFh
Total of 48
Main Blocks
512 Kbit or
32 KWord
180000h
187FFFh
64 Kbit or
4 KWord
1FF000h
1FFFFFh
64 Kbit or
4 KWord
1F8000h
1F8FFFh
Total of 15
Main Blocks
Total of 8
Parameter
Blocks
Bank B
Bank A
64 Kbit or
4 KWord
000000h
000FFFh
512 Kbit or
32 KWord
078000h
07FFFFh
Bottom Boot Block
Address lines A20-A0
64 Kbit or
4 KWord
007000h
007FFFh
Total of 8
Parameter
Blocks
512 Kbit or
32 KWord
008000h
00FFFFh
512 Kbit or
32 KWord
1F8000h
1FFFFFh
512 Kbit or
32 KWord
080000h
087FFFh
Total of 15
Main Blocks
Total of 48
Main Blocks
Bank B
Bank A
AI90004
Parameter Block # 0
User Programmable OTP
Unique device number
Protection Register Lock
2
1
0
88h
85h
84h
81h
80h
SECURITY BLOCK
PROTECTION REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com