Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LW032A Datasheet(PDF) 10 Page - STMicroelectronics

Part # M58LW032A
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M58LW032A Datasheet HTML 6Page - STMicroelectronics M58LW032A Datasheet HTML 7Page - STMicroelectronics M58LW032A Datasheet HTML 8Page - STMicroelectronics M58LW032A Datasheet HTML 9Page - STMicroelectronics M58LW032A Datasheet HTML 10Page - STMicroelectronics M58LW032A Datasheet HTML 11Page - STMicroelectronics M58LW032A Datasheet HTML 12Page - STMicroelectronics M58LW032A Datasheet HTML 13Page - STMicroelectronics M58LW032A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
M58LW032A
10/61
Figure 5. Block Addresses
Note: Also see Appendix A, Table 25 for a full listing of the Block Addresses
AI05500
512 Kbit or
32 KWords
1FFFFFh
1F8000h
512 Kbit or
32 KWords
00FFFFh
008000h
512 Kbit or
32 KWords
007FFFh
000000h
M58LW032A
Word (x16) Bus Width
Address lines A1-A21
512 Kbit or
32 KWords
1F7FFFh
1F0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com