Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9027 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9027
Description  1006 DC Millivolt Source
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9027 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9027 Datasheet HTML 1Page - Time Electronics Ltd. 9027 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
1006 DC Millivolt Source
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
The 1006 is an accurate low cost millivolt source suitable for voltage
injection applications. Three output ranges are provided to give
adjustable output values from 1 μV to 1 V with a basic 0.02 % accuracy.
For signal injection, the operator needs to switch on, check the battery
condition, select the range, and set the required voltage using the
thumbwheel switches. The 1006 uses a precision reference diode and
low temperature coefficient resistors to give a highly stable output.
Power is provided by 6 AA batteries. Battery life is several months,
depending on usage. The battery condition is monitored by an
indicator situated on the top of the instrument. The 1006 has up to
20 mA drive current and is short circuit and overload protected.
An off/normal/reverse output polarity switch is provided.
Safety Terminals: Fitted as standard and fully compatible with 4 mm
shrouded plugs, as well as standard plugs, bare wires, and
spade terminals.
Added Protection: The 1006 comes fitted with an ergonomic rubber
cover providing increased protection and durability. It has a textured
grip for comfortable handling and openings at the top and bottom to
allow access to the battery indicator and a position to place labels if
required. It is easy to remove if the user prefers a stand-alone unit or
to house the 1006 in the optional 9027 carry case.
Applications
As an accurate millivolt source, the 1006 can be used for many
applications including thermocouple simulation (using appropriate
lookup table), chart recorder calibration, A/D converter and DMM
calibration, and as a stable voltage for backing off DC offsets.
Features
• 3 ranges up to 1 V
• Accuracy 0.02 %
• 20 mA output current
• Best resolution 1 μV
• Short circuit and overload protected
• Safety terminals
• Removable protective cover
• Powered by 6 x AA batteries
• 100 hours typical battery life
• Optional carry case


Similar Part No. - 9027

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9027 ETC2-9027 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9027 HEYCO-9027 Datasheet
152Kb / 2P
Snap Rivets
logo
Time Electronics Ltd.
9027 TIME-ELECTRONICS-9027 Datasheet
474Kb / 2P
1007 DC Millivolt Potentiometer and Calibrator
04/22
9027 TIME-ELECTRONICS-9027 Datasheet
877Kb / 2P
1021 Milliamp Source with Null Indicator
07/22
9027 TIME-ELECTRONICS-9027 Datasheet
488Kb / 2P
1077 Milliamp Transducer Simulator
07/22
More results

Similar Description - 9027

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B31 AD-5B31 Datasheet
700Kb / 8P
Millivolt and Voltage Input
logo
ASM GmbH
7011 ASM-SENSOR-7011 Datasheet
1Mb / 4P
DC SIGNAL SOURCE
logo
Altech corporation
AL1006-3 ALTECH-AL1006-3 Datasheet
89Kb / 1P
ALUMINUM ENCLOSURE AL 1006-3
logo
All Sensors Corporation
DS-0091 ASC-DS-0091 Datasheet
122Kb / 4P
Millivolt Output Pressure Sensors
DS-00951 ASC-DS-00951 Datasheet
234Kb / 5P
Millivolt Output Pressure Sensors
logo
Good Will Instrument Co...
GVT-427B GWINSTEK-GVT-427B Datasheet
561Kb / 1P
AC MILLIVOLT METER
logo
TEKTRONIX, INC.
6220 TEKTRONIX-6220 Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
logo
M-System Co.,Ltd.
R3-SV8A MSYSTEM-R3-SV8A Datasheet
128Kb / 3P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
R3Y-SV8A MSYSTEM-R3Y-SV8A Datasheet
121Kb / 4P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.3 PF-S1SD-1AI-1U.3 Datasheet
813Kb / 4P
Millivolt Converter
2022-01-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com