Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9027 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9027
Description  1021 Milliamp Source with Null Indicator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9027 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9027 Datasheet HTML 1Page - Time Electronics Ltd. 9027 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
1021 Milliamp Source with Null Indicator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
The 1021 is a precision DC current calibrator suitable for sourcing applications
from micro-amp levels up to 100 mA. Three output ranges are available;
0 to 99.99 mA in 10 μA steps, 0 to 9.999 mA in 1 μA steps, and 0 to 999.9 μA
in 0.1 μA steps. Output voltage is adjustable between 14 and 40 volts, with a
maximum output power of 2.4 watts.
High accuracy and long term stability make the 1021 suitable for a wide range
of testing workload. In process applications it can be used to calibrate and
verify current sensitive transducers and their associated indicating and
recording devices. For the semiconductor industry the unit can be used as a
constant current source for parameter measurements. It can also be used to
measure DC current accurately by using the null facility to back off the unknown
current. Resolution of 1 μA is possible.
Operation of the 1021 is fast and simple operation. The user needs to only to
switch on, check the battery condition, select the range, and set the required
current using the thumbwheel switches. Useful features include an LED voltage
limit indicator, that shows when the 1021 is unable to supply sufficient drive
voltage to maintain the set output current. The instrument is also short circuit
and overload protected.
Safety terminals: Fitted as standard and fully compatible with 4 mm shrouded
plugs, as well as standard plugs, bare wires, and spade terminals.
Portable operation: Rechargeable batteries and mains charger are
supplied with the unit as standard. Complete recharge time is 10 to 12
hours although sufficient charge for a few hours operation can be obtained
with only 30 minutes charge. Full charge allows 10 hours typical use. The
battery level is monitored by an LED indicator on the top of the unit.
Added protection: The 1021 comes fitted with an ergonomic rubber cover
providing increased protection and durability. It has a textured grip for
comfortable handling and openings at the top and bottom to allow access to
the battery meter and a position to place labels. It is easy to remove if the user
prefers a stand-alone unit or to house the 1021 in the optional 9027 carry case.
Features
• 0 to 100 mA output in 3 ranges
• Accuracy 0.02 %
• 25 ppm/hr stability
• Up to 40 V output drive
• Short circuit and overload protected
• Safety terminals
• Removable protective cover
• Supplied with rechargeable batteries
• 10 hours typical use between charges
• Optional carry case


Similar Part No. - 9027

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9027 ETC2-9027 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9027 HEYCO-9027 Datasheet
152Kb / 2P
Snap Rivets
logo
Time Electronics Ltd.
9027 TIME-ELECTRONICS-9027 Datasheet
456Kb / 2P
1006 DC Millivolt Source
06/22
9027 TIME-ELECTRONICS-9027 Datasheet
474Kb / 2P
1007 DC Millivolt Potentiometer and Calibrator
04/22
9027 TIME-ELECTRONICS-9027 Datasheet
488Kb / 2P
1077 Milliamp Transducer Simulator
07/22
More results

Similar Description - 9027

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2N4904 SAVANTIC-2N4904 Datasheet
113Kb / 3P
Silicon PNP Power Transistors
logo
Pan Jit International I...
1.5KE_SERIES PANJIT-1.5KE_SERIES_14 Datasheet
104Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
November 15,2012-REV.04
logo
KODENSHI_AUK CORP.
KIT2015S KODENSHI-KIT2015S Datasheet
239Kb / 3P
Photo Interrupter
04-August-14
logo
Assmann Electronics Inc...
A-DIO-FS06-GREEN ASSMANN-A-DIO-FS06-GREEN Datasheet
921Kb / 1P
ASS 1021 CO
logo
Diodes Incorporated
PR6001 DIODES-PR6001_15 Datasheet
95Kb / 3P
6.0A FAST RECOVERY RECTIFIER
DMN5L06K DIODES-DMN5L06K_15 Datasheet
265Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
March 2014
logo
Murata Manufacturing Co...
LQW15AN43NJ00 MURATA-LQW15AN43NJ00 Datasheet
75Kb / 2P
Inductor
2016/01/11
LQW15AN5N7G8Z MURATA-LQW15AN5N7G8Z Datasheet
83Kb / 2P
Inductor
2016/04/21
LQG15HH3N3C02 MURATA-LQG15HH3N3C02 Datasheet
72Kb / 2P
Inductor
2016/04/21
logo
Balluff Korea Ltd.
BCC031A BALLUFF-BCC031A Datasheet
105Kb / 2P
Single-Ended Cordsets
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com