Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7643 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # 7643
Description  1048 Voltage / Current / Loop Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

7643 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  7643 Datasheet HTML 1Page - Time Electronics Ltd. 7643 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time Electronics
1048 Voltage / Current / Loop Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2b
07/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Technical Specifications
Voltage source
Range
Resolution
Accuracy
Output current
Temp coefficient
0 to 220 mV
10 μV, 100 μV above 0.2 V
0.05 % of FS
20 mA
± 6 ppm/°C
0 to 2.2 V
100 μV, 1 mV above 2 V
0.02 % of FS
0 to 22 V
1 mV, 10m V above 20 V
0.02 % of FS
Voltage measure
Range
Resolution
Accuracy
Measure load
Temp coefficient
0 to 220 mV
10 μV, 100 μV above 0.2 V
0.05 % of FS ± 1 digit
1 MΩ
± 3 ppm/°C
0 to 2.2 V
100 μV, 1 mV above 2 V
0.02 % of FS ± 1 digit
1 MΩ
0 to 22 V
1 mV, 10 mV above 20 V
0.02 % of FS ± 1 digit
10 MΩ
Current source
Range
Resolution
Accuracy
Output voltage
Temp coefficient
0 to 220 μA
10 nA, 0.1 μA above 200 mA
0.05 % of FS
24 V Max
± 12 ppm/°C
0 to 2.2 mA
0.1 μA, 1 μA above 2 mA
0.02 % of FS
0 to 22 mA
1 μA, 10 μA above 20 mA
0.02 % of FS
Current measure
Range
Resolution
Accuracy
Input load
Temp coefficient
0 to 220 μA
10 nA, 0.1 μA above 200 mA
0.05 % of FS ± 1 digit
1 kΩ
± 8 ppm/°C
0 to 2.2 mA
0.1 μA, 1 μA above 2 mA
0.02 % of FS ± 1 digit
110 Ω
0 to 22 mA
1 μA, 10 μA above 20 mA
0.02 % of FS ± 1 digit
16 Ω
Settings and General Specifications
Sink (Tx Sim)............................... 2 wire transmitter simulation: External excitation voltage, 3 V min, 50 V max.
......................................................... The current sink levels are adjustable,with accuracies as per the 3 source ranges shown above.
............................................................Note: Accuracies in all measure modes are ± 1 digit.
Output steps .................................5 fixed 4 mA steps for current output 4, 8, 12, 16 and 20 mA.
..................................................... 11 fixed 1 V steps for voltage output 0,1,2...10 V.
..................................................... 21 fixed steps 1 V/1 mA for V and I output 0,1,2...20.
......................................................... Stepping can be done manually or automatically (Autostep). Stepping speed is adjustable (1 - 9 sec/step).
......................................................... Dwell time (top and bottom) is one step period. In step mode the accuracy is limited to 0.05 % of span ± 1 digit.
Output adjustment........................A ten turn potentiometer for quick setting, with fine adjust using up/down increment buttons.
Connections..................................Made by 4 mm connectors or clamped using the wire compression feature.
Power.............................................PP3 size, 9 V battery. Approximately 20 hours life depending on the current sourced.
........................................................Alternatively an optional 12 V power supply can be plugged into the 2.5 mm socket on the top of the unit.
Protection......................................The 1048 can withstand open circuits, short circuits and reverse polarity up to 25 V. Additional protection is by an internal fuse.
Operating temperature ................–10 to 50 °C.
Storage temperature....................–30 to 70 °C.
Operating humidity.......................0 to 90 % non-condensing at 25 °C.
Dimensions ...................................H 142 x W 78 x D 50 mm.
Weight............................................0.30 kg.
Optional extras .............................230 V or 110 V mains power supplies. Calibration certificates: Traceable (Factory) and Accredited (ISO 17025).
Country of origin...........................UK.
Ordering Information
1048............................................. Voltage/Current/Loop Calibrator
7643................................................Mains power supply (230 V)
7652................................................Mains power supply (110 V)
C176...............................................Traceable calibration certificate (Factory)
C138...............................................Accredited calibration certificate (ISO 17025)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com