Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C139 Datasheet(PDF) 2 Page - Time Electronics Ltd.

Part # C139
Description  1090 Portable Process Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

C139 Datasheet(HTML) 2 Page - Time Electronics Ltd.

  C139 Datasheet HTML 1Page - Time Electronics Ltd. C139 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time Electronics
1090 Portable Process Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v2b
06/22
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Technical Specifications
Temperature
Measure accuracy
Simulate accuracy
Thermocouple type
Temp range °C
Accuracy °C
Thermocouple type
Temp range °C
Accuracy °C
J
–200 to 580
0.7
J
–210 to 150
0.15
150 to 1200
0.3
K
–200 to -150
2.5
K
–270 to 190
0.5
–150 to 750
0.5
190 to 1250
0.4
T
–200 to 0
1.5
T
–200 to 150
0.4
0 to 400
0.4
150 to 400
0.5
R
50 to 400
3.0
R
–50 to 800
0.8
400 to 1750
1.5
800 to 1750
2.0
S
–50 to 100
3.0
S
–50 to 850
0.9
100 to 1750
1.5
850 to 1750
2.0
B
110 to 1000
3.5
B
100 to 1200
2.0
1000 to 1800
1.5
1200 to 1800
3.0
N
–100 to 890
0.6
N
–270 to 260
0.5
260 to 1300
1.0
E
–50 to 400
0.4
E
–50 to 1000
0.3
Resolution: 0.1 °C or °F
Resolution: 0.1 °C or °F
An additional correction representing the equivalent 1 μV should be allowed for stray thermal emf effects.
PT100
Pt100 measure
Pt100 simulation
Range
Accuracy
Resolution
Set temperature points (°C)
Accuracy
–200 to 700 °C, 2 wire.
0.2 % of resistance value
(typically 0.7 °C)
0.2 °C or °F
–100, –50, –20, 0, 20, 50, 100, 200,
300, 400, 500, 600, 700, 800
0.1 % of resistance value
(typically 0.5 °C)
Voltage
Millivolt measure
Millivolt source
Range
Resolution
Accuracy
Input resistance
Range
Resolution
Accuracy
Output resistance
0 to 30 mV
10 μV
0.05 % FS
± 1 digit
100 kΩ
0 to 8 mV
0.5 μV
± 4 μV
10 Ω
8 to 80 mV
5 μV
0.02 % FS
10 Ω
Current
Milliamp measure
Milliamp source
Range
Resolution
Accuracy
Input resistance
Range
Resolution
Accuracy
Max load (24 V drive)
0 to 60 mA
20 μA
0.05 % FS
± 1 digit
0.5 Ω
0 to 8 mA
0.5 μA
± 10 μA
300 Ω / 80 mA
480 Ω / 50 mA
1.2 kΩ / 20 mA
8 to 80 mA
5 μA
0.02 % FS
Inching............................................................ Three levels of increment, 0.1, 1 or 10 for °C/°F, and 1, 10, or 100 μV/μA for voltage/current.
......................................................................... The lowest of these represents the highest setting resolution and provides the most precise control of the output.
24 V Process loop drive mode..................... A process loop can be driven at 24 V and up to 60 mA by selecting the ‘Milliamp Source’ mode and setting
......................................................................... it at 60 mA (or a lower level if required).
Memory recall and step functions ............... 10 memory locations for non-volatile storage of values. Manual & AutoStep, rate adjustable from 1 to 10 sec/step.
General Specifications
Cold junction compensation ........................ Accuracy: 0.2 °C. Resolution: 0.1 °C.
Operating temperature ................................. 10 to 40 °C (15 to 105 °F).
Connections................................................... Industry standard 4 mm screw terminals.
Power.............................................................. A Ni-MH rechargeable battery pack gives approx. 60 hours continuous use. The mains recharger supplied
...................................................................... gives full recharge in 11 hours. To conserve battery life a user inactivity power-down feature is included.
Dimensions / weight...................................... H 235 x W 150 x D 75 mm, weight 1.2 kg.
Optional extras .............................................. Calibration certificates: Traceable (Factory) and Accredited (ISO 17025).
Ordering Information
1090.............................................................. Portable Process Calibrator
C177................................................................ Traceable calibration certificate (Factory)
C139................................................................ Accredited calibration certificate (ISO 17025)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com