Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII150N06 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # SII150N06
Description  NPT IGBT Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SII150N06 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  SII150N06 Datasheet HTML 1Page - Sirectifier Semiconductors SII150N06 Datasheet HTML 2Page - Sirectifier Semiconductors SII150N06 Datasheet HTML 3Page - Sirectifier Semiconductors SII150N06 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPT IGBT Modules
SirectifierR
SII150N06
Characteristics
Symbol
Conditions
min.
typ.
max.
Units
IGBT Wechselrichter/ IGBT Inverter
VGEth
VGE = VCE, IC = 3.0mA
4.5
5.5
6.5
V
ICES
VGE = 0; VCE = 600V, Tj = 25(125)
oC
500
uA
IGES
400
nA
VCE(sat)
IC =150A; VGE = 15V; Tj = 25(125)
oC
1.95(2.2)
2.45(-)
V
Cies
under following conditions
6.5
VGE = 0, VCE = 25V, f = 1MHz
tP
under following conditions:
td(on)
VCC = 300V, IC = 150A
115(125)
ns
tr
RGon = RGoff =1.5 , , Tj = 25(125)
oC
28(30)
ns
td(off)
VGE = ± 15V
200(225)
ns
tf
25(35)
ns
Eon(Eoff)
2.3(4.6)
mJ
Diode Wechselrichter/ Diode Inverter
VF
IF = 150A; VGE = 0V; Tj = 25(125)
oC
1.25(1.2)
1.6(-)
V
IRM
IF = 150A; Tj = 25(125)
oC
180(215)
A
Qr
-di/dt = 5600A/us
uC
Erec
VGE = -10V, VR=300V
mJ
RthJC
Mechanical Data
Ms
to heatsink M6
Nm
Mt
to terminals M5
Nm
w
g
TC = 25
oC, unless otherwise specified
nF
11(19)
VCE = 0; VGE=20V
Tj = 25(125)
oC, LS = 15nH
under following condition
-(4.7)
Cres
0.6
1.0
Isc
nH
10uS, VGE
15V, Tvj = 125
oC , Vcc = 360V
675
A
RthJC
RthCK
0.4
0.02
K/W
TVJ
TVJM
Tstg
-40...+125
150
-40...+125
oC
3
5
2.5
5
325
1(1000)
LCE
40
RCC'+EE'
m
0.21
K/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com