Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LW064A Datasheet(PDF) 13 Page - STMicroelectronics

Part # M58LW064A
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M58LW064A Datasheet HTML 9Page - STMicroelectronics M58LW064A Datasheet HTML 10Page - STMicroelectronics M58LW064A Datasheet HTML 11Page - STMicroelectronics M58LW064A Datasheet HTML 12Page - STMicroelectronics M58LW064A Datasheet HTML 13Page - STMicroelectronics M58LW064A Datasheet HTML 14Page - STMicroelectronics M58LW064A Datasheet HTML 15Page - STMicroelectronics M58LW064A Datasheet HTML 16Page - STMicroelectronics M58LW064A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
13/53
M58LW064A, M58LW064B
Data to be programmed in the array is internally
latched in the Write Buffer before the programming
operation starts and a minimum of 4 Words or 2
Double-Words need to be programmed in the
same sequence and must be contained in the
same address location boundary defined by A1 to
A2 for the x16 and A2 for the x32 organisation.
Write operations are asynchronous and the Burst
Clock signal K is ignored during a write operation.
Output Disable. The data outputs are high im-
pedance when the Output Enable G is High.
Standby. The memory is in standby when Chip
Enable E goes High and the P/E.C. is idle. The
power consumption is reduced to the standby level
and the outputs are high impedance, independent
of the Output Enable G or Write Enable W inputs.
Automatic Low Power. After a short time of bus
inactivity (no Chip Enable E, Latch Enable L or Ad-
dress transitions) the chip automatically enters a
pseudo-standby mode where consumption is re-
duced to the Automatic Low Power standby value,
while the outputs may still drive the bus. The Auto-
matic Low Power feature is available only for
Asynchronous Read.
Power-down. The memory is in Power-down
when Reset/Power-down RP is Low. The power
consumption is reduced to the power-down level
and the outputs are high impedance, independent
of the Chip Enable E, Output Enable G or Write
Enable W inputs.
Electronic Signature. Two codes identifying the
manufacturer and the device can be read from the
memory allowing programming equipment or ap-
plications to automatically match their interface to
the characteristics of the memory. The Electronic
Signature is output by giving the RSIG Instruction.
The manufacturer code is output when all the Ad-
dress inputs are Low. The device code is output
when A1 (M58LW064A) or A2 (M58LW064B) in-
put is High, the other pins A3-A22 must be Low.
The codes are output on DQ0-DQ7. A return to
Read mode is achieved by writing the Read Array
instruction.
INITIALIZATION
The device must be powered up and initialized in
a predefined manner. Procedures other than
specified may result in undefined operation.
Power should be applied simultaneously to VDD
and VDDQ with the RP input held Low. When the
supplies are stable RP is taken High. The Output
Enable G, Chip Enable E and Write Enable W in-
puts should also be held High during power-up.
The memory will be ready to accept the first In-
struction after the power-up time tPUR. The device
is automatically configured for Asynchronous Ran-
dom Read at power-up or after leaving Reset/
Power-down.
BURST CONFIGURATION REGISTER
See Tables 8, 9, 10 and 11.
The Synchronous Burst Read, Asynchronous
Random Read, Asynchronous Latch Enable Con-
trolled Read are selected using the Burst Configu-
ration Register.
For Synchronous Read the register defines the X
and Y Latencies, Valid Data Ready signal timing,
Burst Type, Valid Clock Edge and Burst Length.
The Burst Configuration Register is programmed
using the Set Burst Configuration Register (SBCR)
Instruction and will retain the stored information
until it is programmed again or the device is reset
or goes into the Reset/Power-down.
The Burst Configuration Register bits M2-M0
specify the burst length (1, 2, 4, 8 or continuous);
bit M3 specifies Asynchronous Random Read or
Asynchronous Latch Enable Controlled Read; bits
M4 and M5 are not used; bit M6 specifies the rising
or falling burst clock edge as valid; bit M7 specifies
the burst type (Sequential or Interleaved); M8
specifies the Valid Data Ready output period; bit
M9 specifies the Y-latency; bit M10 is not used;
M14-M11 specify the X-latency; and bit M15 se-
lects between Synchronous Burst Read or Asyn-
chronous Read. M10, M5 and M4 are reserved for
future use.
M15 Read Select
The device features three kinds of read operation:
Asynchronous
Random
Read,
Asynchronous
Latch Enable Controlled Read and Synchronous
Burst Read. Page Read may be used in either of
the Asynchronous Read operations.
The Burst Configuration Register bit M15 selects
between Synchronous Burst and Asynchronous
Read.
M14 - M11 and M9 X and Y Latency.
The values of X and Y are used to define the burst
latency for the data sequence. The X-latency de-
fines the number of clock cycles before the output
of the first data from the clock edge that latches
the address. The X-latency can be set from 7 to
16. A value of 7 is only valid for continuous burst.
The Y-latency is the number of clock cycles need-
ed to output the next data from the burst register,
following the first data output. The latency can be
set to 1 or 2 clock cycles.
The minimum X-Latency value to consider de-
pends on the Burst Clock K signal frequency. The
burst performance in terms of frequency is listed in
Table 11 and indicates the minimum X-latency and
Y-latency values (X.Y.Y.Y) related to the burst
type, burst length and x16 or x32 organisation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com