Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPRF1650CT Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # STPRF1650CT
Description  Ultra Fast Recovery Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STPRF1650CT Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  STPRF1650CT Datasheet HTML 1Page - Sirectifier Semiconductors STPRF1650CT Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STPRF1650CT thru STPRF1660CT
FEATURES
* Glass passivated chip
* Superfast switching time for high efficiency
* Low forward voltage drop and high current capability
* Low reverse leakage current
* High surge capacity
MECHANICAL DATA
* Case: TO-220AB molded plastic
* Polarity: As marked on the body
* Weight: 0.08 ounces, 2.24 grams
* Mounting position: Any
A=Anode, C=Cathode, TAB=Cathode
Symbol
Characteristics
I(AV)
Maximum Average Forward Rectified Current
@TC=100 C
IFSM
Peak Forward Surge Current 8.3ms Single Half-Sine-Wave
Superimposed On Rated Load (JEDEC METHOD)
Maximum Forward Voltage At 8.0A DC
VF
IR
Maximum DC Reverse Current
At Rated DC Blocking Voltage
@TJ=25 C
@TJ=100 C
CJ
Typical Thermal Resistance (Note 3)
TRR
Maximum Reverse Recovery Time (Note 2)
Typical Junction Capacitance Per Element (Note 1)
TJ, TSTG
Operating And Storage Temperature Range
Maximum Ratings
16
125
1.5
5
500
80
50
1.5
-55 to +150
A
A
V
Unit
uA
pF
ns
o
o
o
ROJC
C/W
o
C
o
NOTES: 1. Measured At 1.0MHz And Applied Reverse Voltage Of 4.0V DC.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A.
3. Thermal Resistance Junction To Case.
A
A
C
C(TAB)
A
C
A
Dim.
A
B
C
D
E
F
G
H
J
K
M
N
Q
R
Milimeter
Min.
Max.
12.70
13.97
14.73
16.00
9.91
10.66
3.54
4.08
5.85
6.85
2.54
3.18
1.15
1.65
2.79
5.84
0.64
1.01
2.54
BSC
4.32
4.82
1.14
1.39
0.35
0.56
2.29
2.79
Inches
Min.
Max.
0.500
0.550
0.580
0.630
0.390
0.420
0.139
0.161
0.230
0.270
0.100
0.125
0.045
0.065
0.110
0.230
0.025
0.040
0.100
BSC
0.170
0.190
0.045
0.055
0.014
0.022
0.090
0.110
Dimensions TO-220AB
STPRF1650CT
STPRF1660CT
VRRM
V
500
600
VRMS
V
350
420
VDC
V
500
600
Ultra Fast Recovery Diodes


Similar Part No. - STPRF1650CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STPRF1650CT ETC1-STPRF1650CT Datasheet
105Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Sirectifier Global Corp...
STPRF1650CT SIRECT-STPRF1650CT Datasheet
103Kb / 2P
Ultra Fast Recovery Diodes
More results

Similar Description - STPRF1650CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MUR2960S SIRECT-MUR2960S Datasheet
131Kb / 3P
Ultra Fast Recovery Diodes
MUR6020PT SIRECT-MUR6020PT Datasheet
98Kb / 3P
Ultra Fast Recovery Diodes
MUR6080PT SIRECT-MUR6080PT Datasheet
136Kb / 3P
Ultra Fast Recovery Diodes
MUR60120 SIRECT-MUR60120 Datasheet
85Kb / 3P
Ultra Fast Recovery Diodes
logo
Nanjing International G...
MUR15100 DGNJDZ-MUR15100 Datasheet
137Kb / 3P
Ultra Fast Recovery Diodes
logo
Sirectifier Semiconduct...
MUR1020CT SIRECTIFIER-MUR1020CT Datasheet
259Kb / 2P
Ultra Fast Recovery Diodes
MUR2040C SIRECTIFIER-MUR2040C Datasheet
417Kb / 2P
Ultra Fast Recovery Diodes
MUR3040 SIRECTIFIER-MUR3040_16 Datasheet
337Kb / 3P
Ultra Fast Recovery Diodes
MUR60120 SIRECTIFIER-MUR60120_16 Datasheet
210Kb / 3P
Ultra Fast Recovery Diodes
logo
RFE international
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com