Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO1005 Datasheet(PDF) 9 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1005
Description  Analog Switc
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1005 Datasheet(HTML) 9 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1005 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.dioo.com
© 2016 DIOO MICROCIRCUITS CO., LTD
DIO1005• Rev. 1.2
Physical Dimensions:
DIO1005
DIOO MICROCIRCUITS CO., LTD
Physical Dimensions: MSOP-10
COMMON DIMENSIONS
(UNITS OF MEASURE=MILLIMETER)
Symbol
MIN
NOM
A
-
-
A1
0
-
A2
0.75
0.85
A3
0.25
0.35
b
0.18
-
b1
0.17
0.20
c
0.15
-
c1
0.14
0.15
D
2.90
3.00
E
4.70
4.90
E1
2.90
3.00
e
0.40
0.50
L
0.45
0.60
L1
0.95REF
L2
0.25BSC
R
0.07
-
R1
0.07
-
Θ
0°
-
Θ1
9°
12°
COMMON DIMENSIONS
(UNITS OF MEASURE=MILLIMETER)
NOM
MAX
1.10
0.15
0.85
0.95
0.35
0.39
0.27
0.20
0.23
0.20
0.15
0.16
3.00
3.10
4.90
5.10
3.00
3.10
0.50
0.60
0.60
0.80
0.95REF
0.25BSC
-
-
8°
°
15°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com