Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO1280 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1280
Description  Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1280 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1280 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1280 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev 2.4
www.dioo.com
© 2019 DIOO MICROCIRCUITS CO., LTD
DIO1280• 2.4
DIO1280
Over-Voltage Protection Load Switch
Features
Surge Protection
IEC 61000-4-5: >100V
Over-Voltage Protection (OVP)
Over-Temperature Protection (OTP)
ESD Protection
IEC 61000-4-2 Air Discharge: > 15kV
IEC 61000-4-2 Contact Discharge: > 8kV
+/- 100V EOS Protection
Negative Voltage Protection(-30V)
Applications
Mobile Handsets and Tablets
Portable Media Players
MP3 Players
Descriptions
The DIO1280 features a low- RON internal FET and
an operating range of 2.5 VDC to 25 VDC (absolute
maximum of 30 VDC). An internal clamp is capable
of shunting surge voltages>100V, protecting
downstream components and enhancing system
robustness. The DIO1280 features over-voltage
protection that powers down the internal FET if
the input voltage exceeds the OVP threshold. The
OVP threshold is adjustable with optional external
resistors.
Over-temperature
protection
also
powers down the device at 130℃ (typical).
Exceptionally
low
off-state
current
(<1µA
maximum) facilitates compliance with standby
power requirements.
The DIO1280 is available in a fully “green”
compliant 1.3mm x 1.8mm Wafer-Level Chip-Scale
Package (WLCSP) with backside laminate.
Function Block Diagram
Figure 1
Functional Block Diagram


Similar Part No. - DIO1280

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1280B DIOO-DIO1280B Datasheet
636Kb / 10P
Load Switch
Rev 2.4
DIO1280BWL12 DIOO-DIO1280BWL12 Datasheet
636Kb / 10P
Load Switch
Rev 2.4
DIO1280C DIOO-DIO1280C Datasheet
600Kb / 9P
Load Switch
Rev 2.4
DIO1280CWL12 DIOO-DIO1280CWL12 Datasheet
600Kb / 9P
Load Switch
Rev 2.4
More results

Similar Description - DIO1280

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
Integrated Load Switch
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
Integrated Load Switch
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
Integrated Load Switch
logo
Toshiba Semiconductor
SSM6E01TU TOSHIBA-SSM6E01TU_07 Datasheet
182Kb / 8P
Load Switch Applications
logo
Sanyo Semicon Device
CPH6153 SANYO-CPH6153 Datasheet
248Kb / 4P
Load Switch Applications
logo
Torex Semiconductor
XC8102 TOREX-XC8102_15 Datasheet
379Kb / 20P
Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
Integrated Load Switch
October-2017, Rev. 4
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
Integrated Load Switch
October-2017, Rev. 3
logo
Guangdong Youtai Semico...
BSS138PS UMW-BSS138PS Datasheet
508Kb / 7P
Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com