Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO1713TP16 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1713TP16
Description  SPST Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1713TP16 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1713TP16 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1713TP16 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1713TP16 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1713TP16 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1713TP16 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1713TP16 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1713TP16 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1713TP16 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1713TP16 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DIO1713
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO1713• Rev. 1.4
Electrical Characteristics
VDD = 5 V ± 10%. All typical value is at -40°C to 105°C, unless otherwise specified.
Symbol
Parameter
Conditions
Temp (°C)
Min
Typ
Max
Unit
Analog switch
Analog signal range
-40 to 105
0
VDD
V
RON
On resistance
VS = 0 V to VDD, IS = -10 mA
25
2.5
4
Ω
-40 to 105
4.5
△
RON
On resistance
match between
channels
VS = 0 V to VDD, IS = -10 mA
25
0.05
Ω
-40 to 105
0.05
0.3
RFLAT(ON)
On resistance
VS = 0 V to VDD, IS = -10 mA
25
0.5
Ω
-40 to 105
1.0
Leakage currents
IS (Off)
Source off leakage
VDD = 5.5 V, VS = 4.5 V/1 V,
VD = 1 V/4.5 V
25
±0.01
μA
-40 to 105
-0.2
0.2
ID (Off)
Drain off leakage
VDD = 5.5 V, VS = 4.5 V/1 V,
VD = 1 V/4.5 V
25
±0.01
μA
-40 to 105
-0.2
0.2
ID,IS (On)
Channel on leakage VDD = 5.5 V, VS = VD = 1 V or 4.5 V
25
±0.01
μA
-40 to 105
-0.2
0.2
Digital inputs
VINH
Input high voltage
25
3
V
-40 to 105
4
VINL
Input low voltage
25
1.5
V
-40 to 105
0.4
IINL / IINH
Input current
VIN = VINL or VINH
25
±0.005
μA
-40 to 105
-0.1
0.1
Dynamic characteristics
tON
RL = 300 Ω, CL = 35 pF, VS = 2 V
25
20
ns
-40 to 105
30
tOFF
RL = 300 Ω, CL = 35 pF, VS = 2 V
25
10
ns
-40 to 105
20
OIRR
Off isolation
RL = 50 Ω, CL = 5 pF, f = 10 MHz
25
-53
dB
RL = 50 Ω, CL = 5 pF, f = 1 MHz
25
-70



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com