Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO1717LP10 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1717LP10
Description  Audio Capability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1717LP10 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1717LP10 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1717LP10 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 2.0
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO1717• Rev. 2.0
DIO1717
2.8 Ω, 300 MHz Dual-SPDT Analog Switch with Negative Swing
Audio Capability
Features
Voltage operation: 2.5 V to 5.5 V
-2.0 V to V+ signal passing ability
On-resistance: 2.8 Ω (TYP) at 4.5 V
High bandwidth: 300 MHz
Fast switching times:
○
tON = 1.8 µs
○
tOFF = 350 ns
High off-isolation: -49 dB at 10 MHz
Low crosstalk: -52 dB at 10 MHz
Negative signal handling:
○
the lowest -2.0 V negative signal pass
TTL/CMOS compatible
Break-before-make switching
Extended industrial temperature range:
-40°C to 105°C
Applications
Cell phone and digital camera
PDA and notebook
LCD monitor
TV and set-top box
Descriptions
The DIO1717 is a dual, bidirectional, single-pole/
double-throw (SPDT) CMOS analog switch
designed to operate from a single 2.5 V to 5.5 V
supply. It features high-bandwidth 300 MHz and
low on-resistance 2.8 Ω (TYP), the lowest -2.0 V
negative signal can pass switch.
The DIO1717 features guaranteed on-resistance
matching 0.05 Ω (TYP) between switches. This
ensures excellent linearity and low distortion
when switching audio signals.
The DIO1717 is a committed dual single-pole/
double-throw (SPDT) that consist of two normally
open (NO) and two normally close (NC) switches.
This configuration can be used as a dual 2-to-1
multiplexer.
The DIO1717 is available in QFN1.4*1.8-10 and
MSOP-10 packages.
Block Diagram


Similar Part No. - DIO1717LP10

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO17170 DIOO-DIO17170 Datasheet
617Kb / 10P
383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability
Rev 1.1
DIO17170LP10 DIOO-DIO17170LP10 Datasheet
617Kb / 10P
383MHz Dual-SPDT Analog Switch with Negative Signal Handling Capability
Rev 1.1
More results

Similar Description - DIO1717LP10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
STA016A STMICROELECTRONICS-STA016A Datasheet
268Kb / 43P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
Jul-2004
logo
ON Semiconductor
NCP4896 ONSEMI-NCP4896 Datasheet
130Kb / 16P
1.0 Watt Audio Power Amplifier with Earpiece Driving Capability
March, 2005 ??Rev. 3
logo
Fairchild Semiconductor
FSA201_0704 FAIRCHILD-FSA201_0704 Datasheet
1Mb / 21P
USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
logo
STMicroelectronics
STA015 STMICROELECTRONICS-STA015_04 Datasheet
720Kb / 55P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Mar-2004
STA015 STMICROELECTRONICS-STA015_10 Datasheet
1Mb / 56P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
26-Apr-2010
logo
NXP Semiconductors
NX5L2750C PHILIPS-NX5L2750C_15 Datasheet
161Kb / 16P
Analog switch with negative swing audio capability
Rev. 2-7 May 2014
logo
ON Semiconductor
FSA321 ONSEMI-FSA321 Datasheet
552Kb / 14P
Audio Switches with Negative Signal Capability
March 2013 Rev 1.0.6
FSA806 ONSEMI-FSA806 Datasheet
601Kb / 14P
Audio Switch with Negative Signal Capability
July 2012 Rev. 1.0.1
logo
NXP Semiconductors
NX5L2750CGU NXP-NX5L2750CGU Datasheet
238Kb / 16P
Analog switch with negative swing audio capability
Rev.2.1-12February2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com