Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO20872DH8 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO20872DH8
Description  Push-Pull Output Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO20872DH8 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO20872DH8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO20872DH8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO20872DH8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO20872DH8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO20872DH8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO20872DH8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO20872DH8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO20872DH8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO20872DH8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DIO2087X
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO2087X• Rev. 1.1
Electrical Characteristics: V+ = 2.5 V
At TA = 25°C, V+ = 2.5 V, V- = 0 V,
VLE = 2.5 V, VCM = V+/2 and VO= V-, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IS
Supply current
-40°C ≤ TA ≤ 85°C, VCM = 0.3 V
1.25
μA
-40°C ≤ TA ≤ 85°C, VCM = 2.2 V
1.4
VOS
Input offset voltage
-5
0
5
mV
ΔVos/ΔT Input offset average drift
2
µV/°C
CMRR
Common mode rejection ratio
VCM stepped from 0 to 1.4 V
77
dB
VCM stepped from 1.9 to 2.5 V
85
VCM stepped from 0 to 2.5 V
77
PSRR
Power supply rejection ratio
90
dB
VIH
Latch Enable pin High input voltage
1.41
V
VIL
Latch Enable pin Low input voltage
0.98
V
IIL
Latch Enable pin bias current
VLE = 0 V
13.5
nA
AVO
Large signal voltage gain
90
dB
VOH
Output swing high
IO = 500 µA
2.4
V
IO = 1 mA
2.3
VOL
Output swing low
IO = -500 µA
60
mV
IO = -1 mA
120
IOUT
Output current
Source
5.8
mA
Sink
7.1
Propagation delay
(High to Low)
Overdrive = 10 mV
2.8
µs
Overdrive = 100 mV
0.95
Propagation delay
(Low to High)
Overdrive = 10 mV
2.00
µs
Overdrive = 100 mV
1.10
tRise
Rise time
Overdrive = 10 mV, CL= 30 pF,
RL = 1 MΩ
80
ns
Overdrive = 100 mV,CL= 30 pF,
RL = 1 MΩ
50
tFall
Fall time
Overdrive = 10 mV, CL= 30 pF,
RL = 1 MΩ
80
ns
Overdrive = 100 mV, CL = 30 pF,
RL = 1 MΩ
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com