Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2210MP8 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2210MP8
Description  Comparator and Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2210MP8 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2210MP8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2210MP8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DIO221X
Version 1.1, Feb 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
4
6. Electrical Characteristics
6.1. Current-shunt monitor
The values are obtained under these conditions unless otherwise specified: TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV,
RL = 10 kΩ to GND, and RPULL-UP = 5.1 kΩ connected from CMPOUT to VS, and CMPIN = GND.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input
VSENSE
Sense input voltage
in full-scale
VSENSE = VIN+ – VIN–
0.15
(VS-0.25)
/G
V
VCM
Common-mode input range
TA = -40°C to 125°C
-0.1
75
V
CMR
Common-mode rejection
VIN+ = 0 to 75 V
80
100
dB
VOS
Offset voltage, RTI
TA = 25°C
±20
±50
μV
TA = -40°C to 125°C
±100
μV
dVOS/dT
Offset voltage, RTI, versus
temperature
TA = -40°C to 125°C
0.3
μV/°C
PSR
Offset voltage, RTI, versus
power supply
VOUT = 2 V, VIN+ = 18 V, 2.7 V,
TA = -40°C to 125°C
±20
μV/V
IB
Input bias current, VIN– pin
TA = -40°C to 125°C
±220
μA
Output (VSENSE ≥ 20 mV)
G
Gain
DIO2210
20
V/V
DIO2211
50
V/V
DIO2212
100
V/V
Total output error (1)
VSENSE = 120 mV, VS = 16 V,
TA = -40°C to 125°C
±0.3
±1
%
CLOAD
Maximum capacitive load
No sustained oscillation
0.5
nF
Voltage output
Output swing to the positive
rail (2)
VIN– = 11 V, VIN+ = 12 V,
TA = –40°C to 125°C
VS - 0.12
VS - 0.25
V
Output swing to GND (2)
VIN– = 0 V, VIN+ = -0.5 V,
TA = –40°C to 125°C
6
50
mV
Frequency response
BW
Bandwidth
CLOAD = 5 pF
DIO2210
440
kHz
DIO2211
110
kHz
DIO2212
65
kHz
Phase margin (2)
CLOAD = 500 pF
40
Degrees
SR
Slew rate
3
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com