Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2240BTP8 Datasheet(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2240BTP8
Description  Enhanced PWM Rejection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2240BTP8 Datasheet(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2240BTP8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2240BTP8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
DIO2240
Version 1.2, Jan 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
8
9. Function Description
9.1. Amplifier input signal
The DIO2240 device is an automotive qualified voltage output and current sense amplifier with enhanced
PWM rejection. The device sense drops across the shunt resistor over a wide common-mode voltage range.
Input signals from current measurement applications for linear and PWM applications can be connected to
the amplifier to provide a highly accurate output, with minimal common-mode transient artifacts.
9.1.1. Enhance PWM rejection operation
The enhanced PWM rejection function provides a high level of suppression of large common-mode
transients (ΔV/Δt) in systems that use pulse width modulation (PWM) signals. Large ΔV/Δt common-mode
transients associated with PWM signals are used in applications such as motor or solenoid drive and
switching power supplies. The traditional way to handle the large ΔV/Δt commonmode transitions is to
increase the amplifier signal bandwidth, and it will enlarger the chip size, make the design complexity
increase the cost. The DIO2240 features high common-mode rejection techniques, which reduces large
ΔV/Δt transients before the system is disturbed as a result of these large signals. So the DIO2240 provides
minimal output transients and ringing because of its high AC CMRR with signal bandwidth.
9.1.2. Input signal bandwidth
As mentioned before, the input signal which represents the current being measured is accurately measured
with minimal disturbance from large ΔV/Δt common-mode transients. For PWM signals (commonly motors,
solenoids, and other switching applications), the current being monitored fluctuates at a greatly slower rate
than the faster PWM frequency.
The internal current-sense amplifier defines the DIO2240 bandwidth by the -3dB bandwidth. As required for
the rapid detection and processing of overcurrent events, the device bandwidth provides fast throughput
and fast response. The higher bandwidth enables the protection circuitry to get enough response time so
that the monitored application or circuit will not be damaged.
9.2. RSENSE selection
The current magnitude is determined from measuring the differential voltage developed across a resistor,
which refers to either a current-sensing resistor or a current-shunt resistor. The flexible design of DIO2240
allows a wide input signal range across this current-sensing resistor.
Ideally, the current-sensing resistor is determined solely based on the full-scale current to be measured, the
full-scale input range of the circuitry following the device, and the device gain. The minimum current
sensing resistor is decided by design to maximize the input range of the signal chain circuitry. When the
full-scale output signals that are not maximized to the full input range of the system circuitry, the ability of
the system is limited to exercise the full dynamic range of system control.
When the current-sensing resistor value is finalized, there are two critical factors: the required current
measurement accuracy and the maximum power dissipation across the resistor. A larger resistor voltage
makes the measurement be more accurate, but increases the power dissipation in the resistor. The power
dissipation increase generates the heat and it leads to the sense resistor accuracy decreasing. The larger
input signal can reduce the uncertainty of voltage signal measuring because any fixed errors become a
smaller percentage of the measured signal. The design trade-off to improve measurement accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com