Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2663CS8 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2663CS8
Description  Video Filter Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2663CS8 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2663CS8 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2663CS8 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2663CS8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2663CS8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2663CS8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2663CS8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2663CS8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.dioo.com
Physical Dimensions:
DIO2663
© 2013 DIOO MICROCIRCUITS CO., LTD
DIO
Physical Dimensions: SOIC-8
COMMON DIMENSIONS
(UNITS OF MEASURE=MILLIMETER)
Symbol
MIN
A
1.35
A1
0.10
A2
1.25
A3
0.50
b
0.38
b1
0.37
c
0.17
c1
0.17
D
4.80
E
5.80
E1
3.80
e
L
0.45
L1
L2
R
0.07
R1
0.07
h
0.30
Θ
0°
Θ1
15°
Θ2
11°
Θ3
15°
Θ4
11°
DIOO MICROCIRCUITS CO., LTD
IO2663• Rev. 1.0
COMMON DIMENSIONS
(UNITS OF MEASURE=MILLIMETER)
NOM
MAX
1.55
1.75
0.15
0.25
1.40
1.65
0.60
0.70
-
0.51
0.42
0.47
-
0.25
0.20
0.23
4.90
5.00
6.00
6.20
3.90
4.00
1.27BSC
0.60
0.80
1.04REF
0.25BSC
-
-
-
-
0.40
0.50
-
8°
17°
19°
13°
15°
17°
19°
13°
15°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com