Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTJ2500QLP Datasheet(PDF) 2 Page - Clarke International

Part # CTJ2500QLP
Description  2.5 TONNE TROLLEY JACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ2500QLP Datasheet(HTML) 2 Page - Clarke International

  CTJ2500QLP Datasheet HTML 1Page - Clarke International CTJ2500QLP Datasheet HTML 2Page - Clarke International CTJ2500QLP Datasheet HTML 3Page - Clarke International CTJ2500QLP Datasheet HTML 4Page - Clarke International CTJ2500QLP Datasheet HTML 5Page - Clarke International CTJ2500QLP Datasheet HTML 6Page - Clarke International CTJ2500QLP Datasheet HTML 7Page - Clarke International CTJ2500QLP Datasheet HTML 8Page - Clarke International CTJ2500QLP Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
INTRODUCTION
Thank you for purchasing this CLARKE Garage Jack.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
SPECIFICATIONS
Model number
CTJ2500QLP
Weight
30.5kg
Dimensions (L x W x H) without handle
724 x 342 x153mm
Cup diameter
110 mm
Rated Load
2.5 tonne (2500kg)
Height of saddle from floor (minimum)
80 mm
Height of saddle from floor (maximum)
510 mm
Pump oil capacity
0.24L
Number of strokes min-max height
7
Distance per stroke
75 mm
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission. This guarantee does not effect your
statutory rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com