Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTJ2LR Datasheet(PDF) 3 Page - Clarke International

Part # CTJ2LR
Description  HYDRAULIC TROLLEY JACK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ2LR Datasheet(HTML) 3 Page - Clarke International

  CTJ2LR Datasheet HTML 1Page - Clarke International CTJ2LR Datasheet HTML 2Page - Clarke International CTJ2LR Datasheet HTML 3Page - Clarke International CTJ2LR Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAINTENANCE
BEFORE USE.
Inspect for distortion of components, and security of all nuts and bolts. If in doubt, do not use.
Have damaged parts repaired or replaced. If necessary, consult your CLARKE dealer.
EVERY 6 MONTHS
1.
Oil all joints, linkages, the pump roller and front wheel hubs.
2.
Apply grease to the caster bearings.
NOTE: Lubrication and cleanliness is important as dirt, rust etc can cause a jerky action
which could damage internal components.
ANNUALLY
Carry out a thorough inspection for serviceability of components & check for oil leaks. Only a very
slight oil seepage is permissible. If a leak is evident, do not use jack...consult your CLARKE dealer.
STORAGE
Store in a dry place, with the ram fully retracted, where it cannot be attacked by the
elements. If stored for long periods, inspect at least once a year, clean and re-oil. For
servicing, contact your CLARKE dealer, or CLARKE International Service Dep’t.
FAULT FINDING
If the jack does not operate satisfactorily, there may be air in the system, or the release valve
may be stuck. Try the following remedies, before contacting Clarke Service Dept.
1. JACK WILL NOT RAISE LOAD
1.1 Low Oil Level
a.
Ensure the ram is fully retracted by turning the handle fully anticlockwise.
b.
With the jack in a level position, turn the Release Valve fully anticlockwise and remove it.
c.
The oil level should be level with the bottom of the threads inside the oil chamber. If
necessary, top up by removing the vent plug, directly on top of the ram, located at
the base of the handle housing and fill to the required level with CLARKE HYDRAULIC
OIL ONLY (See your CLARKE dealer. Quote Part No. 3050830 for 1 litre bottle). It may
be necessary to pull off the cover plate to gain access to the vent plug.
d.
Reinstall the vent plug and Release Valve, closing it fully, then pump handle until
the arm reaches its full height.
e.
Open Release Valve and step on saddle forcing it to lower as quickly as possible.
repeat this procedure three or four times.
f.
Finally, raise jack under load to test its operation.
1.2 Air in the System
a.
Open Release valve and pump handle fully, 6 or 7 times to purge air.
b.
Close release Valve and try again.
1.3 Release valve seat dirty
a. Pull lifting arm up and down a few times with the release valve open. If necessary, the
valve may be removed and the valve and seat cleaned.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com