Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR064EB Datasheet(PDF) 44 Page - STMicroelectronics

Part # M58WR064EB
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064EB Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M58WR064EB Datasheet HTML 40Page - STMicroelectronics M58WR064EB Datasheet HTML 41Page - STMicroelectronics M58WR064EB Datasheet HTML 42Page - STMicroelectronics M58WR064EB Datasheet HTML 43Page - STMicroelectronics M58WR064EB Datasheet HTML 44Page - STMicroelectronics M58WR064EB Datasheet HTML 45Page - STMicroelectronics M58WR064EB Datasheet HTML 46Page - STMicroelectronics M58WR064EB Datasheet HTML 47Page - STMicroelectronics M58WR064EB Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
M58WR064ET, M58WR064EB
44/82
Figure 14. Clock input AC Waveform
Table 21. Synchronous Read AC Characteristics
Note: 1. Sampled only, not 100% tested.
2. For other timings please refer to Table 20, Asynchronous Read AC Characteristics.
Symbol
Alt
Parameter
VDDQ = 1.65V-2.2V
VDDQ = 2.2V-3.3V
Unit
70
80
100
70
80
100
tAVKH
tAVCLKH
Address Valid to Clock High
Min
7
7
7
9
9
10
ns
tELKH
tELCLKH
Chip Enable Low to Clock High
Min
7
7
7
9
9
10
ns
tELTV
Chip Enable Low to Wait Valid
Max
14
14
18
20
22
22
ns
tEHEL
Chip Enable Pulse Width
(subsequent synchronous reads)
Min
14
14
14
20
20
20
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
14
14
20
25
25
25
ns
tKHAX
tCLKHAX
Clock High to Address Transition
Min
9
9
10
10
10
10
ns
tKHQV
tKHTV
tCLKHQV
Clock High to Output Valid
Clock High to WAIT Valid
Max
14
14
18
20
22
22
ns
tKHQX
tKHTX
tCLKHQX
Clock High to Output Transition
Clock High to WAIT Transition
Min
44
45
55
ns
tLLKH
tADVLCLK
H
Latch Enable Low to Clock High
Min
7
7
7
10
10
10
ns
tKHKH
tCLK
Clock Period (f=33MHz)
Min
--
-
30
30
ns
Clock Period (f=40MHz)
25
25
Clock Period (f=54MHz)
18.5
18.5
-
-
-
ns
tKHKL
tKLKH
Clock High to Clock Low
Clock Low to Clock High
Min
4.5
4.5
5
9.5
9.5
9.5
ns
tf
tr
Clock Fall or Rise Time
Max
3
3
3
3
5
5
ns
AI06981
tKHKH
tf
tr
tKHKL
tKLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com