Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5065 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 5065
Description  5065 Bench Digital Multimeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

5065 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  5065 Datasheet HTML 1Page - Time Electronics Ltd. 5065 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
5065 Bench Digital Multimeter
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
The 5065 is a high performance, versatile 6½ digit bench multimeter with 19
measurement functions. Low cost, simple operation, stability, and high accuracy
make the 5065 an ideal DMM for a variety of applications. In addition high speed
means both the sampling rate and the data transfer rate can achieve 2000
readings per second.
The comprehensive range of features makes the 5065 suitable for test engineers,
R&D, service, and calibration technicians. The durable construction with a
protective rubber guard and carry handle allows convenient benchtop use,
and transportability. A soft carry case is available as an option.
The front panel features a two-line, colour-coded display for easy to read
measurements and functions. Control is simple, with common functions selected
from a single button press.
The 5065 measures AC/DC voltage, AC/DC current, 2 and 4 wire resistance,
frequency, period, diode, continuity, thermocouples and RTD. In addition to
standard functions many other capabilities such as Min/Max, Ratio/% and Null are
included. Memory functions with up to 2000 readings can be stored and recalled.
Limit testing with an external output can be configured to signal pass or fail.
The USB interface enables connectivity to a PC. A basic setup and graphing
application is supplied as standard. Add-in utilities for Microsoft Excel and Word
allow simple data collection directly into a spreadsheet or document. An optional
10 channel scanner card is available which allows multiple inputs to be measured.
Further options include test lead sets, GPIB interface, and an RTD probe adaptor.
Applications
The 5065 is ideal for applications ranging from testing and calibration to education.
In R&D and production environments it can be used to check and test electronic
devices, circuitry and components. It can also be utilised to make automated
measurements for product validation. In calibration the 5065 is an accurate
multimeter for testing electrical and electronic sources. It can also be used for
signal measurements on process instrumentation such as transmitters, RTDs and
thermocouples. Further applications include repair and service work, and
experimental testing work in education and engineering.
EasyCal Calibration Software
The 5065 can be controlled via Time Electronics EasyCal
software to automate the calibration process. This provides
increased speed of calibration and consistency of results.
Produce traceable calibration certificates and test reports
for quality standards with additional uncertainty information
for ISO 17025 conformance.
Features
• 6½ digit resolution
• DC voltage: 0 .1 V, 1 V, 10 V, 100 V, and 1000 V
• AC voltage: 0 .1 V, 1 V, 10 V, 100 V, and 750 V
• DC current: 10 mA, 100 mA, 1 A, and 3 A
• AC current: 1 A and 3 A
• Two and four wire resistance
• Frequency from 3 Hz to 300 kHz
• Period measurement, diode measurement
• Temperature measurements
• RS-232 and USB interface, optional GPIB
• 10 channel scanner card option
• PC/laptop control via EasyCal software


Similar Part No. - 5065

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5065 AEROFLEX-5065 Datasheet
43Kb / 1P
ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz
logo
List of Unclassifed Man...
5065 ETC2-5065 Datasheet
172Kb / 1P
SMA MALE TO SMA MALE RADIUS RIGHT ANGLE ADAPTER
logo
Time Electronics Ltd.
5065 TIME-ELECTRONICS-5065 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
logo
List of Unclassifed Man...
5065-2 ETC2-5065-2 Datasheet
336Kb / 1P
SWAGE/FORCE FIT STANDOFFS
logo
Molex Electronics Ltd.
50654-1001 MOLEX7-50654-1001 Datasheet
97Kb / 2P
1.01mm (.040") Tab-Type Female Crimp Terminal, Low Insertion Force Type, Tin Plated, AVS (CAV) 0.3, 0.5, 0.85mm짼;
More results

Similar Description - 5065

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
Mini Digital Multimeter
logo
List of Unclassifed Man...
5492B ETC2-5492B Datasheet
2Mb / 5P
True RMS Bench Multimeter
logo
Keysight Technologies
U2741A KEYSIGHT-U2741A Datasheet
1Mb / 11P
USB Modular Digital Multimeter
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
34401A Digital Multimeter
M9181A KEYSIGHT-M9181A Datasheet
251Kb / 8P
M9181A PXI Digital Multimeter
logo
TEKTRONIX, INC.
DMM6500 TEKTRONIX-DMM6500 Datasheet
1Mb / 24P
DMM6500 6쩍-Digit Bench/System Digital Multimeter
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
Digital Multimeter
logo
B&K Precision Corporati...
5492B BK-5492B Datasheet
2Mb / 5P
True RMS Bench Multimeter
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
Bluetooth Digital Multimeter
OW18D ETC-OW18D Datasheet
523Kb / 1P
Bluetooth Digital Multimeter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com