Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7090 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 7090
Description  7010 Single Channel Pressure Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

7090 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  7090 Datasheet HTML 1Page - Time Electronics Ltd. 7090 Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
7010 Single Channel Pressure Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
The 7010 is a robust portable pressure calibrator that is suitable for field and laboratory
calibration work of both pressure and electrical process loop signals. It is a simple
operation instrument ideal for calibrating and cross-checking pressure gauges, sensors,
transmitters, transducers, indicators, switches, and many other devices. The following
versions are available; 0.2, vacuum to 2, 5, 10, 20, 35, 70, 100, 200, 400, or 600 bar.
Vacuum down to -850 mbar is possible on the 2 bar version.
For process signal calibration the loop signal is displayed on the LCD display to 0.05 %
accuracy. Loop drive supply (24 V or 36 V) is also provided. Both pressure and loop signal
can be displayed at the same time to speed up the calibration of pressure transmitters.
Additionally a continuity function is available for testing for open circuit loops.
The 7010 allows switch selection of four pressure units in addition to mA. Common
pressure units are configured as standard (see specifications), but user-specified units
can be requested upon order. Common units are bar, PSI, kPa, MPa, inWg, cmWg,
inHg, mmHg, Kg/cm2, atm. Both pressure and loop current are displayed on 4.5 digit
LCD displays.
Power is via internal rechargeable cells (24 hours typical use) with a built-in mains
charger. The unit can be powered directly from the mains if required. The 7010 is housed
in an impact resistant safety case that provides protection and increased durability. All
pressure connections are on the side of the case. The instrument is supplied with a
pressure hose, electrical test lead, 2 electrical probes and 2 crocodile clips.
Options
For the 7010, input pressure can be generated by external hand pumps. In the field the
7090 pneumatic (vacuum to 40 bar), or 7095 hydraulic (0 to 700 bar) pumps are suitable.
Also available are a range of pumps suitable for workshop use, that feature an ergonomic
mode of operation. These models include the 7193 (vacuum to 40 bar pneumatic) and
7194A (vacuum to 200 bar pneumatic). For hydraulic pressure generation the 7195
pump (vacuum to 700 bar) is ideal for supplementing pressure to the testing applications.
For process control signal simulation a practical tool like the Time Electronics handheld
7006 Loop-Mate is available as an option. It is a low cost, simple operation unit that provides
4 - 20 mA and 0 - 10 V signals at levels of 0 %, 10 %, 25 %, 50 %, 75 %, 90 %, 100 %.
It can also step through these set points automatically to allow hands free calibration. It is
battery powered and compact, pocket sized and easy to carry in the field.
Features
• Vacuum to 600 bar versions available
• Accuracy 0.04 % of full scale
• Pneumatic or hydraulic
• 4 selectable pressure units plus mA
• Loop current measure
• 24/36 V loop power
• Over-pressure alarm
• RS-232 serial interface
• EasyCal software compatible
• Mains or battery powered
EasyCal Calibration Software
The 7010 has an RS-232 interface and can be controlled via
Time Electronics EasyCal software to automate the calibration
process. This provides increased speed of calibration and
consistency of results. Produce traceable calibration certificates
and test reports for quality standards with additional uncertainty
information for ISO 17025 conformance.


Similar Part No. - 7090

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7090 BOURNS-7090 Datasheet
460Kb / 2P
Network Interface Device
logo
Ohmite Mfg. Co.
7090 OHMITE-7090 Datasheet
143Kb / 1P
Rheostat and Tap Switch Hardware
logo
Time Electronics Ltd.
7090 TIME-ELECTRONICS-7090 Datasheet
538Kb / 1P
Maintenance Kits for 7090 and 7095 Pressure Pumps
07/22
7090 TIME-ELECTRONICS-7090 Datasheet
655Kb / 1P
7090 Pneumatic Calibration Pump
10/24
7090 TIME-ELECTRONICS-7090 Datasheet
545Kb / 2P
7015 Dual Channel Pressure Calibrator
06/22
More results

Similar Description - 7090

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
LCD Module Calibrator
July 9, 2008
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
LCD Module Calibrator
logo
Ralston Instruments.
QTFT-2MS0-MP RALSTON-QTFT-2MS0-MP Datasheet
463Kb / 1P
Adapt any pressure calibrator, pressure gauge or comparator to Quick-test easily
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com