Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLT3-4B Datasheet(PDF) 11 Page - STMicroelectronics

Part # CLT3-4B
Description  Current limited over-voltage protected quad digital termination
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT3-4B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button CLT3-4B Datasheet HTML 5Page - STMicroelectronics CLT3-4B Datasheet HTML 6Page - STMicroelectronics CLT3-4B Datasheet HTML 7Page - STMicroelectronics CLT3-4B Datasheet HTML 8Page - STMicroelectronics CLT3-4B Datasheet HTML 9Page - STMicroelectronics CLT3-4B Datasheet HTML 10Page - STMicroelectronics CLT3-4B Datasheet HTML 11Page - STMicroelectronics CLT3-4B Datasheet HTML 12Page - STMicroelectronics CLT3-4B Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CLT3-4B
Package information
11/13
3
Package information
Epoxy meets UL94,V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 13.
TSSOP20 footprint (dimensions in mm)
Table 7.
TSSOP20 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.2
0.047
A1
0.05
0.15
0.002
0.006
A2
0.8
1.0
1.05
0.031 0.039 0.041
b
0.19
0.3
0.007
0.012
c
0.09
0.2
0.003
0.007
D
6.4
6.5
6.6
0.252 0.256 0.259
E
6.2
6.4
6.6
0.244 0.252 0.256
E1
4.3
4.4
4.5
0.169 0.173 0.177
e
0.65
0.026
L
0.45
0.6
0.75
0.017 0.023 0.029
L1
1.0
0.039
k0°
aaa
0.1
0.004
C
E1
E
A
A2
A1
b
D
aaa
C
C
Seating
plane
0.25 mm
Gage plane
k
L
L1
11
10
20
1
e
4.93
0.65
0.36
6.21
7.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com