Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5961 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5961
Description  MOST power management device (PMD)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5961 Datasheet(HTML) 1 Page - STMicroelectronics

  L5961_08 Datasheet HTML 1Page - STMicroelectronics L5961_08 Datasheet HTML 2Page - STMicroelectronics L5961_08 Datasheet HTML 3Page - STMicroelectronics L5961_08 Datasheet HTML 4Page - STMicroelectronics L5961_08 Datasheet HTML 5Page - STMicroelectronics L5961_08 Datasheet HTML 6Page - STMicroelectronics L5961_08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2008
Rev 1
1/7
7
L5961
MOST power management device (PMD)
Features
■ 5V or 3.3V / 650mA DC-DC Converter with
external sync
■ 5V or 3.3V/ 40mA standby voltage regulator
■ 5V or 3.3V / 60mA switchable voltage regulator
■ Very low quiescent current (zero power mode
and ultra zero power mode feature)
■ Power management fully compatible to MOST
specification
■ Provides power supply for physical layer and
control unit
■ Switch to power pulse generator
■ Reacts on four different wake-up events
–
Switch to power pulse (STPP)
–
Light ON (for status)
–
Activity on Diagnostic_I/O
–
ON/OFF switch
■ I2C interface
■ Programmable system configuration
■ Reset generator
■ Intrinsic diagnostic transceiver
(standard LIN2.0)
■ 3 battery detectors for battery voltage
monitoring
■ Watchdog circuit
■ PowerSS0-36 and PowerSO-36 packages
options
Description
The L5961 MOST PMD integrates all the discrete
circuitry usually necessary to implement power
supplies and power management for a MOST
node. It includes intrinsic MOST specific power
management together with sophisticated
diagnostic and fail-safe functions. The MOST
PMD is designed to provide direct power supply
for the physical layer, the Network Controller and
the External Host Controller of a MOST Node.
The L5961 also allows the implementation of a
generic MOST node design that can be
reproduced "as is" in any other project, thus
avoiding the activities of redesign and re-
verification of MOST PMD compliance
The L5961 implements complete monitoring of
the supply voltage (over-voltage, under-voltage,
critical voltage), moreover it supports multiple
power modes like Zeropower-mode (where one
complete MOST node sinks around 25µA current)
and Ultra-zero power mode (5µA). All the
diagnostic protocols from major carmakers are
supported and the device reacts to many different
wake-up events.
The L5961 is completely configurable through its
I2C bus and fully compatible with MOST
specifications.
L5961 has been specified in cooperation with
SMSC and represents a "chipset" solution when
used with SMSC's MOST network interface
controllers (INIC or NIC).
Table 1.
Device summary
Order code
Package
Packing
L5961
PowerSSO-36
Tube
L5961PD
PowerSO-36
Tube
PowerSO-36
PowerSSO-36
www.st.com


Similar Part No. - L5961_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
Multiple linear/switching voltage regulator for car-radio
10-Dec-2009
L5962 STMICROELECTRONICS-L5962 Datasheet
254Kb / 24P
Multiple linear/switching voltage regulator for car-radio
18-Sep-2013
L5962TR STMICROELECTRONICS-L5962TR Datasheet
248Kb / 24P
Multiple linear/switching voltage regulator for car-radio
10-Dec-2009
L5962TR STMICROELECTRONICS-L5962TR Datasheet
254Kb / 24P
Multiple linear/switching voltage regulator for car-radio
18-Sep-2013
L5962 STMICROELECTRONICS-L5962_V01 Datasheet
254Kb / 24P
Multiple linear/switching voltage regulator for car-radio
18-Sep-2013
More results

Similar Description - L5961_08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR8HC007-004 SEMTECH-UR8HC007-004 Datasheet
152Kb / 20P
Zero-PowerTM Input Device and Power Management IC
logo
Texas Instruments
TWL92230 TI1-TWL92230 Datasheet
1Mb / 141P
ENERGY MANAGEMENT DEVICE COMPANION DEVICE FOR OMAP24xx
logo
Richtek Technology Corp...
RT9941 RICHTEK-RT9941 Datasheet
711Kb / 33P
Power Management ICs for Handheld Device
RT9945 RICHTEK-RT9945 Datasheet
686Kb / 33P
Power Management ICs for Handheld Device
logo
PEAK electronics GmbH
P18TG-123R3E21LF PEAK-P18TG-123R3E21LF Datasheet
135Kb / 3P
PMD-SERIES
P18TG-123R3E21MLF PEAK-P18TG-123R3E21MLF Datasheet
146Kb / 3P
PMD-SERIES
P22TG PEAK-P22TG_14 Datasheet
139Kb / 3P
PMD-SERIES
P26TG PEAK-P26TG_14 Datasheet
139Kb / 3P
PMD-SERIES
P34TG PEAK-P34TG_14 Datasheet
135Kb / 3P
PMD-SERIES
P42TG PEAK-P42TG_14 Datasheet
136Kb / 3P
PMD-SERIES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com