Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB11 Datasheet(PDF) 1 Page - Optronics International

Part # CB11
Description  Yellow Cab/Clearance Lights - PC Rated
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

CB11 Datasheet(HTML) 1 Page - Optronics International

  CB11 Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
CB11 SERIES
Yellow Cab/Clearance Lights ­ PC Rated
PC rated cab/clearance lights
Select black or white base, mounts on 3” centers
Replaceable lens and bulb (168 bulb)
Single wire design, self grounding
Available in bulk, polypack and retail packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
CB11AS
Retail pack: Yellow cab/clearance light, black
base, hard wired (black=power), self
grounding, clam
12
CB15AK
Retail kit: (5) CB11 yellow cab/clearance lights,
black base, hard wired (black=power), self
grounding, clam
6
CB11AB
CB11ABP
DISCONTINUED ­ Yellow cab/clearance light,
black base, two­wire
50
CB11WAB
CB11WABP
DISCONTINUED ­ Yellow cab/clearance light,
white base, hard wired (black=power,
white=ground)
50
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
P2 PC
MATERIALS:
Acrylic lens, ABS housing
VOLT/AMP:
12.8VDC ­ 0.569A
WT/DIMS:
.176 lb. / 5.5” x 2.375” x 1.625”
WARRANTY:
Three Year Warranty


Similar Part No. - CB11

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CB11 EATON-CB11 Datasheet
363Kb / 3P
Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
3Mb / 27P
Single Row Terminal Blocks
logo
Multicomp Pro
CB11 MULTICOMP-CB11 Datasheet
110Kb / 1P
Ceramic Bead Spacers
09/09/19 V1.0
logo
Fuji Electric
CB112-13 FUJI-CB112-13 Datasheet
92Kb / 2P
Fast Recovery Diode
logo
Eaton All Rights Reserv...
CB11210203B1 EATON-CB11210203B1 Datasheet
363Kb / 3P
Single Row Terminal Blocks
More results

Similar Description - CB11

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
logo
Harwin Plc
R30-9400500 HARWIN-R30-9400500 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401000 HARWIN-R30-9401000 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401400 HARWIN-R30-9401400 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R4780-02 HARWIN-R4780-02 Datasheet
149Kb / 1P
CLEARANCE SPACER-ROUND
R6680-02 HARWIN-R6680-02 Datasheet
130Kb / 1P
CLEARANCE SPACER-ROUND
logo
OSRAM GmbH
GWQSLM31.QM OSRAM-GWQSLM31.QM Datasheet
4Mb / 25P
Area Lights
logo
Balluff Korea Ltd.
BAE00WA BALLUFF-BAE00WA Datasheet
118Kb / 2P
Machine Lights
0.41_2021-09-01
BAE00Y4 BALLUFF-BAE00Y4 Datasheet
117Kb / 2P
Machine Lights
0.44_2021-05-20
BAE011E BALLUFF-BAE011E Datasheet
121Kb / 2P
Machine Lights
0.24_2021-05-20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com