Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6720SSGU Datasheet(PDF) 7 Page - MOSA ELECTRONICS

Part # MS6720SSGU
Description  3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6720SSGU Datasheet(HTML) 7 Page - MOSA ELECTRONICS

Back Button MS6720SSGU Datasheet HTML 3Page - MOSA ELECTRONICS MS6720SSGU Datasheet HTML 4Page - MOSA ELECTRONICS MS6720SSGU Datasheet HTML 5Page - MOSA ELECTRONICS MS6720SSGU Datasheet HTML 6Page - MOSA ELECTRONICS MS6720SSGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6720SSGU Datasheet HTML 8Page - MOSA ELECTRONICS MS6720SSGU Datasheet HTML 9Page - MOSA ELECTRONICS MS6720SSGU Datasheet HTML 10Page - MOSA ELECTRONICS MS6720SSGU Datasheet HTML 11Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MOSA
MS6720
3 Stereo Inputs / 4-Channel Outputs Audio Processor
REV1.0
7
www.mosanalog.com
BUS INTERFACE
Data are transmitted to and from the MCU to the MS6720 via the SDA and SCL. The SDA and SCL make up the
BUS interface. It should be noted that pull-up resistors must be connected to the positive supply voltage.
SDA (Serial Data Line)
Rp
Rp
SCL (Serial Clock Line)
Pull up resistors
V
DD
MCU
MS6720
Interface Protocol
The format consists of the following
•A START condition
•A chip address byte including the MS6720 address. (7bits)
•The 8
th bit of the byte must be “0”.(write=0, read=1)
•MS6720 must always acknowledge the end of each transmitted byte.
•A data sequence (N-bytes + Acknowledge)
•A STOP condition
SCL
SDA
1-7
8
9
1-7
8
9
9
8
1-7
S
P
ADDRESS
R / W
--
ACK
ACK
ACK
DATA
DATA
START
CONDITION
STOP
CONDITION
Address Code
The chip address of the MS6720 is 88H.
1
0
0
0
0
0
1
0
7 bits address
MS6720 address
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com