Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DISC Datasheet(PDF) 1 Page - Veris. All Rights Reserved.

Part # DISC
Description  Nutating Disc Meter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.

DISC Datasheet(HTML) 1 Page - Veris. All Rights Reserved.

  DISC Datasheet HTML 1Page - Veris. All Rights Reserved. DISC Datasheet HTML 2Page - Veris. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
800.354.8556 | +1 503.598.4564 | sales@veris.com | intl@veris.com | veris.com
Max. Flow Rate
M25: 1/2”, 25 GPM
M35: 3/4”, 35 GPM
M25: 1”, 70 GPM
M25: 1-1/2”, 120 GPM
M25: 2”, 170 GPM
Max. Operating Pressure
150 psi
Max. Operating Temp.
49 °C (120 °F)
Operating Temp. Range
0 to 49 °C (32 to 120 °F), optional to 121 °C
(250 °F)
Accuracy
±1.5% of full scale
Repeatability
±0.5%
Wetted Materials
Brass, SAN, Noryl, Nylon, Polyethylene,
Polypropylene
WARRANTY
Limited Warranty
1 year
Nutating Disc positive displacement meters are a cost-effective
solution for industrial flow monitoring. These devices are available in sizes
from 1/2” to 2” and are capable of handling flows up to 170 gallons per
minute. Maintenance is fast, easy, and rarely required. The meter houses
a measurement chamber that contains a disc. Liquid flowing through the
chamber causes this disc to nutate, or wobble. This motion is sensed by a
magnet, which transmits flow data.
SPECIFICATIONS
Wide flow range
Increased accuracy at high and low
flow rates
Durable
components
Minimal maintenance required
Rugged
construction
Rugged bronze or plastic
construction
Increased
versatility
Optional pulse output
transmitter
Easy maintenance
No need to remove from the line…
reduce costly downtime
Simple operation
Easy-to-read LCD display
• Industrial flow systems
• Inventory and process control
of cold and hot systems
• Fuel consumption
APPLICATIONS
Flow Monitoring | Nutating Disc Meter
NUTATING DISC SERIES
Cost-effective Metering for Industrial
Applications
HQ0001787.J 0525


Similar Part No. - DISC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
DIS MSYSTEM-DIS Datasheet
111Kb / 3P
Plug-in Signal Conditioners M-UNIT
logo
LEDTRONICS, INC
DIS-1018-105A LEDTRONICS-DIS-1018-105A Datasheet
52Kb / 1P
DIS-1018-105A
DIS-1024-005A LEDTRONICS-DIS-1024-005A Datasheet
50Kb / 1P
DIS-1024-005A
DIS-1024-105A LEDTRONICS-DIS-1024-105A Datasheet
47Kb / 1P
DIS-1024-105A
DIS-1024-106 LEDTRONICS-DIS-1024-106 Datasheet
47Kb / 1P
DIS-1024-106
More results

Similar Description - DISC

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO210 EXTECH-MO210 Datasheet
96Kb / 4P
Moisture Meter
logo
List of Unclassifed Man...
SL-25 ETC2-SL-25 Datasheet
160Kb / 1P
Sound Meter
logo
Dubilier
WD DUBILIER-WD Datasheet
359Kb / 6P
CERAMIC DISC
logo
ASM GmbH
IM3536 ASM-SENSOR-IM3536 Datasheet
1Mb / 16P
LCR METER
logo
SELEC Controls Pvt. Ltd
MFM384 SELEC-MFM384 Datasheet
664Kb / 2P
Multifunction Meter
logo
FOTEK CONTROLS CO., LTD...
DA-24R-MV-24V FOTEK-DA-24R-MV-24V Datasheet
494Kb / 2P
Digital Meter
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
Clamp Meter
logo
Pepperl+Fuchs Inc.
MH-BT65-SD-01 PF-MH-BT65-SD-01 Datasheet
954Kb / 1P
Distance disc
logo
Siemens Semiconductor G...
PAC3100 SIEMENS-PAC3100 Datasheet
243Kb / 8P
Power Meter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com