Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR064 Datasheet(PDF) 53 Page - STMicroelectronics

Part # M58WR064
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M58WR064 Datasheet HTML 49Page - STMicroelectronics M58WR064 Datasheet HTML 50Page - STMicroelectronics M58WR064 Datasheet HTML 51Page - STMicroelectronics M58WR064 Datasheet HTML 52Page - STMicroelectronics M58WR064 Datasheet HTML 53Page - STMicroelectronics M58WR064 Datasheet HTML 54Page - STMicroelectronics M58WR064 Datasheet HTML 55Page - STMicroelectronics M58WR064 Datasheet HTML 56Page - STMicroelectronics M58WR064 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
53/82
M58WR064ET, M58WR064EB
PART NUMBERING
Table 26. Ordering Information Scheme
Table 27. Daisy Chain Ordering Scheme
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc....) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
Example:
M58WR064ET
70 ZB
6
T
Device Type
M58
Architecture
W = Multiple Bank, Burst Mode
Operating Voltage
R = VDD = 1.65V to 2.2V, VDDQ = 1.65V to 3.3V
Device Function
064ET = 64 Mbit (x16), Top Boot
064EB = 64 Mbit (x16), Bottom Boot
Speed
70 = 70ns
80 = 80ns
10 = 100ns
Package
ZB = VFBGA56:
7.7 x 9 mm, 0.75mm pitch
Temperature Range
6 = –40 to 85°C
Option
T = Tape & Reel packing
Example:
M58WR064E
-ZB
T
Device Type
M58WR064E
Daisy Chain
ZB = VFBGA56:
7.7x9 mm, 0.75 mm pitch
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com