Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68AR512D Datasheet(PDF) 1 Page - STMicroelectronics

Part # M68AR512D
Description  8 Mbit 512K x16 1.8V Asynchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AR512D Datasheet(HTML) 1 Page - STMicroelectronics

  M68AR512D Datasheet HTML 1Page - STMicroelectronics M68AR512D Datasheet HTML 2Page - STMicroelectronics M68AR512D Datasheet HTML 3Page - STMicroelectronics M68AR512D Datasheet HTML 4Page - STMicroelectronics M68AR512D Datasheet HTML 5Page - STMicroelectronics M68AR512D Datasheet HTML 6Page - STMicroelectronics M68AR512D Datasheet HTML 7Page - STMicroelectronics M68AR512D Datasheet HTML 8Page - STMicroelectronics M68AR512D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
October 2002
M68AR512D
8 Mbit (512K x16) 1.8V Asynchronous SRAM
FEATURES SUMMARY
s
SUPPLY VOLTAGE: 1.65 to 1.95V
s
512K x 16 bits SRAM with OUTPUT ENABLE
s
EQUAL CYCLE and ACCESS TIMES: 70ns
s
SINGLE BYTE READ/WRITE
s
LOW STANDBY CURRENT
s
LOW VCC DATA RETENTION: 1.0V
s
TRI-STATE COMMON I/O
s
AUTOMATIC POWER DOWN
s
DUAL CHIP ENABLE for EASY DEPTH
EXPANSION
Figure 1. Packages
BGA
TFBGA48 (ZB)
6 x 7mm
BGA
TFBGA48 (ZB)
8 x 10mm


Similar Part No. - M68AR512D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AR016DN70ZB1T STMICROELECTRONICS-M68AR016DN70ZB1T Datasheet
145Kb / 19P
16 Mbit 1M x16 1.8V Asynchronous SRAM
09-Oct-2002
M68AR016DN70ZB6T STMICROELECTRONICS-M68AR016DN70ZB6T Datasheet
145Kb / 19P
16 Mbit 1M x16 1.8V Asynchronous SRAM
09-Oct-2002
M68AR016DN70ZH1T STMICROELECTRONICS-M68AR016DN70ZH1T Datasheet
145Kb / 19P
16 Mbit 1M x16 1.8V Asynchronous SRAM
09-Oct-2002
M68AR016DN70ZH6T STMICROELECTRONICS-M68AR016DN70ZH6T Datasheet
145Kb / 19P
16 Mbit 1M x16 1.8V Asynchronous SRAM
09-Oct-2002
M68AR024D STMICROELECTRONICS-M68AR024D Datasheet
145Kb / 19P
16 Mbit 1M x16 1.8V Asynchronous SRAM
09-Oct-2002
More results

Similar Description - M68AR512D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AR024D STMICROELECTRONICS-M68AR024D Datasheet
145Kb / 19P
16 Mbit 1M x16 1.8V Asynchronous SRAM
09-Oct-2002
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
1 Mbit 64K x16 3.0V Asynchronous SRAM
23-Apr-2003
M68AW512D STMICROELECTRONICS-M68AW512D Datasheet
124Kb / 18P
8 Mbit 512K x16 3.0V Asynchronous SRAM
25-Nov-2002
M68AW512M STMICROELECTRONICS-M68AW512M Datasheet
296Kb / 19P
8 Mbit (512K x16) 3.0V Asynchronous SRAM
27-Sep-2004
M68AW128M STMICROELECTRONICS-M68AW128M Datasheet
335Kb / 22P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
24-Sep-2004
M69AR048B STMICROELECTRONICS-M69AR048B Datasheet
481Kb / 29P
32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM
05-Oct-2005
M68AW128ML STMICROELECTRONICS-M68AW128ML Datasheet
111Kb / 20P
2 Mbit (128K x16) 3.0V Asynchronous SRAM
17-May-2002
M68AW256DL STMICROELECTRONICS-M68AW256DL Datasheet
109Kb / 20P
4 Mbit (256K x16) 3.0V Asynchronous SRAM
07-Jun-2002
M68AW256M STMICROELECTRONICS-M68AW256M Datasheet
167Kb / 23P
4 Mbit (256K x16) 3.0V Asynchronous SRAM
27-Apr-2004
M68AR128M STMICROELECTRONICS-M68AR128M Datasheet
122Kb / 18P
2 Mbit (128K x16) 1.8V Asynchronous SRAM
09-Oct-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com