Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL61 Datasheet(PDF) 1 Page - Optronics International

Part # IL61
Description  Surface Mount Dome Light with Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

IL61 Datasheet(HTML) 1 Page - Optronics International

  IL61 Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
IL61 SERIES
Surface Mount Dome Light with Switch
Surface mount light with on/off switch
Aluminum base, durable plastic lens
Hard wired (black=power)
Self grounding
Replaceable bulb (1141)
Available in bulk and polypack packaging
Three Year Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
IL61CB
IL61CBP
Surface mount dome light with switch, hard
wired (black=power), self grounding
50
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
MATERIALS:
Plastic lens, aluminum housing
VOLT/AMP:
12.8VDC ­ 0.4A
WT/DIMS:
.221 lb. / 5.875” x 5.875” x 1.5”
WARRANTY:
Three Year Warranty


Similar Part No. - IL61

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL610 ETC-IL610 Datasheet
840Kb / 14P
Passive Input Digital Isolators
IL610-1 ETC-IL610-1 Datasheet
840Kb / 14P
Passive Input Digital Isolators
IL610-1E ETC-IL610-1E Datasheet
840Kb / 14P
Passive Input Digital Isolators
logo
NVE Corporation
IL610-1E NVE-IL610-1E Datasheet
496Kb / 22P
Passive-Input Digital Isolators – CMOS Outputs
logo
List of Unclassifed Man...
IL610-1ETR13 ETC-IL610-1ETR13 Datasheet
840Kb / 14P
Passive Input Digital Isolators
More results

Similar Description - IL61

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP660C-B FAIRCHILD-QTLP660C-B Datasheet
372Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1.8mm (Dome Lens)
logo
Everlight Electronics C...
ALS-PT19-315C EVERLIGHT-ALS-PT19-315C Datasheet
440Kb / 11P
Surface - Mount Ambient Light Sensor
ALS-PDIC17-55C EVERLIGHT-ALS-PDIC17-55C Datasheet
516Kb / 14P
Surface - Mount Ambient Light Sensor
logo
STANLEY ELECTRIC CO.,LT...
PS1105WA STANLEY-PS1105WA Datasheet
246Kb / 10P
Surface Mount Phototransistor/Dome Lenz Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
Surface Mount IRED/Dome Lens Type
logo
Everlight Electronics C...
ALS-PD70-01C-TR7 EVERLIGHT-ALS-PD70-01C-TR7 Datasheet
187Kb / 8P
Surface - Mount Ambient Light Sensor
ALS-PD70-01C-TR7 EVERLIGHT-ALS-PD70-01C-TR7_15 Datasheet
422Kb / 7P
Ambient Light Sensor ??Surface Mount
logo
Marktech Corporate
MTE9460CP MARKTECH-MTE9460CP Datasheet
763Kb / 4P
Ceramic Dome Surface Mount 3.5횞2.2횞1.91
logo
LUMEX INC.
SML-H150E5SID-1 LUMEX-SML-H150E5SID-1 Datasheet
229Kb / 2P
Surface Mounted DOme Led
logo
Everlight Electronics C...
EAALSTIC2012A0 EVERLIGHT-EAALSTIC2012A0 Datasheet
762Kb / 9P
Ambient Light Sensor ??Surface Mount
11.21.2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com