Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD36 Datasheet(PDF) 4 Page - LightGraphix

Part # LD36
Description  LED LINEAR WALL GRAZER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD36 Datasheet(HTML) 4 Page - LightGraphix

  LD36 Datasheet HTML 1Page - LightGraphix LD36 Datasheet HTML 2Page - LightGraphix LD36 Datasheet HTML 3Page - LightGraphix LD36 Datasheet HTML 4Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Data sheet issued: 10 July 2024 | Issue 7
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
LD36
ORDER CODES & OPTIONS
ORDER CODES & OPTIONS
Example: LD36-C1-500 / LW30 / 50 / OB / White / ABM / IP40 / GL36 / 1200mm
Drivers
Use with 350mA & 500mA constant current LED drivers
We have a range of dimmable LED drivers including DMX and DALI compatible. Please see the downloads section on our website.
/
Light Engine
& Drive Current
LD36 -
1.2W LED
at 350mA
LD36-C1-350
1.7W LED
at 500mA
LD36-C1-500
Finish
LED Colour
LED Spacing
Length
(Up to 2100mm)
IP Rating
Beam Angle
WHITE LED ENGINES
Accessories
Fixing
Super
Warm
White
(2200K)
/LW22
Extra
Warm
White
(2700K)
/LW27
Warm
White
(3000K)
/LW30
White
(4000K)
- on
request
/LW40
Cool
White
(5000K)
/LW50
12°
Narrow
spot
/NB
31°
Medium
/MB
48°
Wide
/WB
12° x 36°
Oval
Beam
/OB
15° x 60°
Extra
Oval
Beam
/EOB
50mm
/50
75mm
/75
100mm
/100
/IP40
/IP54
/GL36
/
/
/
/
/
/
/
/
/SC
/BEM
/BSM
/ABM
LINEAR C1 ENGINE
Silver Anodised
(White Lens cover)
Black
(End caps, lens cover
and extrusion
all black)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com