Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD42-W-A-R-AR Datasheet(PDF) 5 Page - LightGraphix

Part # LD42-W-A-R-AR
Description  LED WALL LIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD42-W-A-R-AR Datasheet(HTML) 5 Page - LightGraphix

  LD42-W-A-R-AR Datasheet HTML 1Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 2Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 3Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 4Page - LightGraphix LD42-W-A-R-AR Datasheet HTML 5Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data sheet issued: 27 November 2023 | Issue 7
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
LD42/W/A/R/AR
ORDER CODES & OPTIONS
ORDER CODES & OPTIONS
Example: LD42A-C1-350 / LW30 / MB / 316 Stainless Steel / 480
ORDER CODES & OPTIONS
ORDER CODES & OPTIONS
Drivers
Use with 350mA & 500mA constant current LED drivers
We have a range of dimmable LED drivers including DMX and DALI compatible. Please see the downloads section on our website.
C1
Light Engine & Drive Current
LD42 -
WHITE LED ENGINES
/
LED Colour
/
Beam Angle
/
Fixing & Accessories
/480
/SC
/
Finish
316 Stainless Steel
Polished & Passivated
316 Stainless Steel
(for marine environments)
Machined Brass
Flamed Solid Bronze
Paint Finish -
Antique Bronze
Paint Finish -
Satin Antique Brass
Paint Finish -
Satin Brass
Paint Finish -
Black (RAL 9005)
Paint Finish -
Anthracite Grey
(RAL 7016)
Paint Finish -
White (RAL 9016)
Paint Finish - RAL
Super Warm
White (2200K
/LW22
Extra Warm
White (2700K)
/LW27
Warm White
(3000K)
/LW30
White (4000K) -
on request
/LW40
Cool White
(5000K)
/LW50
Red
/LR
Green
/LG
Blue
/LB
Amber
/LA
12° Narrow spot
/NB
31° Medium
/MB
48° Wide
/WB
12° x 36° Oval
/OB
12° Narrow spot
/NB
31° Medium
/MB
48° Wide
/WB
12° Narrow spot
/NB
LD42
1.2W LED
at 350mA
LD42-C1-350
1.7W LED
at 500mA
LD42-C1-500
LD42W / LD42A / LD42R
1.2W LED
at 350mA
LD42W-C1-350
LD42A-C1-350
LD42R-C1-350
1.7W LED
at 500mA
LD42W-C1-500
LD42A-C1-500
LD42R-C1-500
LD42AR
1.2W LED
at 350mA
LD42AR-C1-350
1.7W LED
at 500mA
LD42AR-C1-500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com